Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFM Datasheet (PDF) - Comus International

BFM Datasheet PDF - Comus International
Part # BFM
Download  BFM Download
File Size   605.22 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description 1A, 1C Instrumentation Reed Relays

BFM Datasheet (PDF)

Go To PDF Page Download Datasheet
BFM Datasheet PDF - Comus International

Part # BFM
Download  BFM Click to download

File Size   605.22 Kbytes
Page   2 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description 1A, 1C Instrumentation Reed Relays

BFM Datasheet (HTML) - Comus International


BFM Product details

FEATURES
• High Reliability Instrumentation Grade ( ) reed switch with
sputtered Ruthenium contacts
• 1 Form A and 1 Form C contacts
• Industry Standard Footprints
• Ideal for Test and Instrumentation applications
• Hermetically sealed contacts for long life
• Optional Electrostatic Shield or Coaxial (50Ω impedance).
• High Insulation Resistance: 1012 Ω MIN (Form A)
• Metal Cover (reduces magnetic interaction)




Similar Part No. - BFM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFM505 PHILIPS-BFM505 Datasheet
92Kb / 10P
Dual NPN wideband transistor
1996 Oct 08
BFM505 NXP-BFM505 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BFM505 JMNIC-BFM505_15 Datasheet
71Kb / 10P
Dual NPN wideband transistor
BFM505_2015 JMNIC-BFM505_2015 Datasheet
71Kb / 10P
Dual NPN wideband transistor
logo
NXP Semiconductors
BFM520 PHILIPS-BFM520 Datasheet
96Kb / 10P
Dual NPN wideband transistor
1996 Oct 08
More results


Similar Description - BFM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
1a/1c 5A/10A small power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
1a/1c 5A/10A small power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
High switching capacity 1a/1c 30A power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com