Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFM Datasheet(PDF) 1 Page - Comus International

Part # BFM
Description  1A, 1C Instrumentation Reed Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

BFM Datasheet(HTML) 1 Page - Comus International

  BFM Datasheet HTML 1Page - Comus International BFM Datasheet HTML 2Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part Number: BFM Series
1A, 1C Instrumentation Reed Relays
Product Data Sheet
PICTURE
FEATURES
DIMENSIONS
• High Reliability Instrumentation Grade (
) reed switch with
sputtered Ruthenium contacts
• 1 Form A and 1 Form C contacts
• Industry Standard Footprints
• Ideal for Test and Instrumentation applications
• Hermetically sealed contacts for long life
• Optional Electrostatic Shield or Coaxial (50Ω impedance).
• High Insulation Resistance: 1012 Ω MIN (Form A)
• Metal Cover (reduces magnetic interaction)
Drawings not to scale.
All dimensions in inches (mm) nominal.
0.820 (20.83)
0.125 (3.18)
0.600 (15.24)
0.700 (17.78)
0.100
(2.54)
0.250
(6.35)
0.300 (7.62)
0.100
(2.54)
Ø 0.018
(Ø 0.45)
0.075
(1.90)
0.020
(0.51)
0.060
(1.50)
8
7
6
5
1
2
3
4
1
2
3
4
8
7
6
5
CIRCUIT DIAGRAM (Top View)
ORDERING INFORMATION
1 FORM C
1 FORM A
Unused pins are omitted
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
BFM
05
12
1A
1C
E = E/S (Tied to pin #7)
C = Coaxial (Tied to pins #6 & #7)
Part Number Example: BFM-XX-XXX
BFM-1A-05E = 1 form A, 5 Volt Coil with E/S Shield
Series
Form
Coil
Options
Relays
5 / 2015


Similar Part No. - BFM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFM505 PHILIPS-BFM505 Datasheet
92Kb / 10P
Dual NPN wideband transistor
1996 Oct 08
BFM505 NXP-BFM505 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BFM505 JMNIC-BFM505_15 Datasheet
71Kb / 10P
Dual NPN wideband transistor
BFM505_2015 JMNIC-BFM505_2015 Datasheet
71Kb / 10P
Dual NPN wideband transistor
logo
NXP Semiconductors
BFM520 PHILIPS-BFM520 Datasheet
96Kb / 10P
Dual NPN wideband transistor
1996 Oct 08
More results

Similar Description - BFM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
1a/1c 5A/10A small power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
1a/1c 5A/10A small power relays
JS1AF-B-24V-F PANASONIC-JS1AF-B-24V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JTN1AG-TMP-F-DC24V PANASONIC-JTN1AG-TMP-F-DC24V Datasheet
88Kb / 4P
High switching capacity 1a/1c 30A power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com