Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6337 Datasheet (PDF) - Analog Devices

ADL6337 Datasheet PDF - Analog Devices
Part # ADL6337_V01
Download  ADL6337 Download
File Size   2847.15 Kbytes
Page   53 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 35 dB Gain, 500 MHz to 5200 MHz Transmit VGA

ADL6337 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL6337 Datasheet PDF - Analog Devices

Part # ADL6337_V01
Download  ADL6337 Click to download

File Size   2847.15 Kbytes
Page   53 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 35 dB Gain, 500 MHz to 5200 MHz Transmit VGA

ADL6337 Datasheet (HTML) - Analog Devices


ADL6337 Product details

FEATURES
► Single-channel, high-linearity transmit VGA for RF DACs, transceivers,
and SoCs to power amplifier interface
► Single 5 V supply
► Multiple versions covering frequencies of 500 MHz to 5200 MHz
► Power gain: 37.4 dB (ADL6337-A), 35.5 dB (ADL6337-B), 34 dB
(ADL6337-C), 35.5 dB (ADL6337-D)
► OIP3: 42.0 dBm (ADL6337-A), 42.5 dBm (ADL6337-B), 38 dBm
(ADL6337-C), 40 dBm (ADL6337-D)
► OIP2: 50 dBm (ADL6337-A), 55 dBm (ADL6337-B), 68 dBm
(ADL6337-C), 74 dBm (ADL6337-D)
► Noise figure: 3.7 dB (ADL6337-A), 4.5 dB (ADL6337-B), 5.2 dB
(ADL6337-C), 4.5 dB (ADL6337-D)
► OP1dB: 26.1 dBm (ADL6337-A), 26.0 dBm (ADL6337-B), 25.5
dBm (ADL6337-C), 23.5 dBm (ADL6337-D)
► RF DSA attenuation range: 31.5 dB with 0.5 dB resolution
► 50 Ω/100 Ω differential inputs and 50 Ω single-ended output
► Fully programmable via a 3-/4-wire SPI
► 32-lead, 5 mm × 5 mm LFCSP

APPLICATIONS
► 2G/3G/4G/long-term evolution (LTE) in FDD/TDD broadband
► Communication systems




Similar Part No. - ADL6337_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6337-EVALZA AD-ADL6337-EVALZA Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6337-EVALZB AD-ADL6337-EVALZB Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6337ACRZA AD-ADL6337ACRZA Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6337ACRZA-R7 AD-ADL6337ACRZA-R7 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6337ACRZB AD-ADL6337ACRZB Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results


Similar Description - ADL6337_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8367 AD-AD8367_05 Datasheet
492Kb / 24P
500 MHz, Linear-in-dB VGA with AGC Detector
7/05-Rev. 0 to Rev. A
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
20 MHz to 500 MHz IF Gain Blocks
May-2007
ADL5534 AD-ADL5534 Datasheet
366Kb / 9P
20 MHz to 500 MHz IF Gain Block
May-2007
ADL5531 AD-ADL5531 Datasheet
321Kb / 12P
20 MHz to 500 MHz IF Gain Block
8/07-Revision 0
logo
NXP Semiconductors
BGR269 NXP-BGR269 Datasheet
98Kb / 8P
200 MHz, 35 dB gain reverse amplifier
Rev. 6-5 August 2010
logo
California Eastern Labs
NE021 CEL-NE021 Datasheet
184Kb / 12P
HIGH INSERTION GAIN: 18.5 dB at 500 MHz
logo
Analog Devices
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
20 MHz to 500 MHz IF Gain Block
Aug-2017
ADL6316 AD-ADL6316 Datasheet
1Mb / 37P
500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
10/2019-Revision 0
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com