Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL3295E Datasheet (PDF) - Renesas Technology Corp

ISL3295E Datasheet PDF - Renesas Technology Corp
Part # ISL3295E
Download  ISL3295E Download
File Size   935.23 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters

ISL3295E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL3295E Datasheet PDF - Renesas Technology Corp

Part # ISL3295E
Download  ISL3295E Click to download

File Size   935.23 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters

ISL3295E Datasheet (HTML) - Renesas Technology Corp


ISL3295E Product details

Features
• High ESD protection on RS-485 outputs . . . . ±16.5kV HBM
- IEC61000-4-2 contact test method . . . . . . . . . . . . . . . ±7kV
- Class 3 ESD level on all other pins. . . . . . . . . . . .>8kV HBM
• Specified for +125°C operation (VCC ≤ 3.6V only)
• Logic supply pin (VL) eases operation in mixed supply
systems (ISL3298E only)
• Hot plug - Tx outputs remain three-state during power-up
• Low Tx leakage allows >256 devices on the bus
• High data rates. . . . . . . . . . . . . . . . . . . . . . . . . . up to 20Mbps
• Low quiescent supply current. . . . . . . . . . . . . . . 150μA (max)
- Very low shutdown supply current . . . . . . . . . . . 1μA (max)
• -7V to +12V common-mode output voltage range
(VCC ≤ 3.6V only)
• Current limiting and thermal shutdown for driver overload
protection (VCC ≤ 3.6V only)
• Tri-statable Tx outputs
• 5V tolerant logic inputs when VCC ≤5V
• Pb-free (RoHS compliant)




Similar Part No. - ISL3295E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3295E INTERSIL-ISL3295E Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
logo
Renesas Technology Corp
ISL3295E RENESAS-ISL3295E Datasheet
986Kb / 17P
High node count systems
logo
Intersil Corporation
ISL3295EFHZ-T INTERSIL-ISL3295EFHZ-T Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
logo
Renesas Technology Corp
ISL3295EFHZ-T RENESAS-ISL3295EFHZ-T Datasheet
986Kb / 17P
High node count systems
logo
Intersil Corporation
ISL3295EIHZ-T INTERSIL-ISL3295EIHZ-T Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
More results


Similar Description - ISL3295E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
October 18, 2007
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
September 19, 2007
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com