Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC1104 Datasheet (PDF) - Texas Instruments

CDC1104 Datasheet PDF - Texas Instruments
Part # CDC1104
Download  CDC1104 Download
File Size   311.45 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1 to 4 Configurable Clock Buffer for 3D Displays

CDC1104 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC1104 Datasheet PDF - Texas Instruments

Part # CDC1104
Download  CDC1104 Click to download

File Size   311.45 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 1 to 4 Configurable Clock Buffer for 3D Displays

CDC1104 Datasheet (HTML) - Texas Instruments


CDC1104 Product details

1FEATURES
• Input Reference Clock 120Hz–240Hz
• Output Clock (Fin/2) 60Hz–120Hz
• Output Buffer Drive Strength: 8mA
• 4 Clock Outputs
• 4 Control Pins Select Phases of Clock Outputs
• Supply Voltage: 3.8V–5.5V
• Operating Temperature Range: –40°C to 85°C
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-B)
– 500-V Charged-Device Model (C101)
• Package Offerings
– 12-pin QFN (3mm x 3mm)

DESCRIPTION
The CDC1104 is a 1 to 4 configurable clock buffer. The device accepts an input reference clock and creates 4
buffered output clocks with an output frequency equal to one half the input clock frequency. Four control inputs,
S1, S2, S3, S4 configurable phases of the clock outputs.




Similar Part No. - CDC1104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC1104 TI1-CDC1104 Datasheet
439Kb / 10P
1 to 4 Configurable Clock Buffer for 3D Displays
CDC1104RVKR TI1-CDC1104RVKR Datasheet
439Kb / 10P
1 to 4 Configurable Clock Buffer for 3D Displays
More results


Similar Description - CDC1104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
1-to-4 Clock Distribution Buffer
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06 Datasheet
254Kb / 11P
1 TO 4 HCSL CLOCK BUFFER
IDT5V551 IDT-IDT5V551 Datasheet
48Kb / 4P
1:4 CLOCK BUFFER
logo
Texas Instruments
CDC1104 TI1-CDC1104 Datasheet
439Kb / 10P
1 to 4 Configurable Clock Buffer for 3D Displays
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MLF IDT-ICS553MLF Datasheet
92Kb / 8P
nLOW SKEW 1 TO 4 CLOCK BUFFER
logo
Renesas Technology Corp
5V551 RENESAS-5V551 Datasheet
201Kb / 5P
1:4 CLOCK BUFFER
Mar 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com