Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0ACG Datasheet (PDF) - Bel Fuse Inc.

0ACG Datasheet PDF - Bel Fuse Inc.
Part # 0ACG
Download  0ACG Download
File Size   383.35 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 500VDC, SMD Fuse

0ACG Datasheet (PDF)

Go To PDF Page Download Datasheet
0ACG Datasheet PDF - Bel Fuse Inc.

Part # 0ACG
Download  0ACG Click to download

File Size   383.35 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 500VDC, SMD Fuse

0ACG Datasheet (HTML) - Bel Fuse Inc.


0ACG Product details

Features
- Surface mount design to save space
- Ceramic tube, silver plated cap construction
- Compatible with 260℃, IR Pb-free solder process
- Wide operating temperature range, -40℃ to 125℃
- Tape & Reel for auto-insert SMD process
- MSL = 1
- Complies with IEC 60127-7 standard
- RoHS compliant with exemption 7(a)
Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan

Applications
- Battery Management Systems, (BMS)
- Li-ion Battery Packs
- DC-DC Converters




Similar Part No. - 0ACG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ACG-1000-XX BEL-0ACG-1000-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
0ACG-1250-XX BEL-0ACG-1250-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
0ACG-1600-XX BEL-0ACG-1600-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
0ACG-2000-XX BEL-0ACG-2000-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
0ACG-2500-XX BEL-0ACG-2500-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
More results


Similar Description - 0ACG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
SP600 INTERSIL-SP600 Datasheet
74Kb / 7P
Half Bridge 500VDC Driver
July 1998
logo
Harris Corporation
HIP2500 HARRIS-HIP2500 Datasheet
100Kb / 9P
Half Bridge 500VDC Driver
logo
Intersil Corporation
SP601 INTERSIL-SP601 Datasheet
671Kb / 7P
Half Bridge 500VDC Driver
July 1998
logo
Bel Fuse Inc.
0ACG-1000-XX BEL-0ACG-1000-XX Datasheet
676Kb / 4P
Type 0ACG 500VDC, SMD Fuse
logo
Shanghai Leiditech Elec...
LM12B0500B LEIDITECH-LM12B0500B Datasheet
842Kb / 5P
SMD FUSE
LM12D1200D LEIDITECH-LM12D1200D Datasheet
882Kb / 5P
SMD FUSE
LM12H0500C LEIDITECH-LM12H0500C Datasheet
710Kb / 5P
SMD FUSE
LM12H1200D LEIDITECH-LM12H1200D Datasheet
387Kb / 5P
SMD FUSE
logo
Bel Fuse Inc.
0AKR BEL-0AKR Datasheet
325Kb / 3P
500VDC, DC Fuses
Rev. 0AKR Mar2022
0AKS BEL-0AKS Datasheet
352Kb / 3P
500VDC Fuse for EV/HEV
Rev. 0AKS Feb2021
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com