Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3674 Datasheet (PDF) - Maxim Integrated Products

MAX3674 Datasheet PDF - Maxim Integrated Products
Part # MAX3674
Download  MAX3674 Download
File Size   314.52 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Performance, Dual-Output, Network Clock Synthesizer

MAX3674 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3674 Datasheet PDF - Maxim Integrated Products

Part # MAX3674
Download  MAX3674 Click to download

File Size   314.52 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Performance, Dual-Output, Network Clock Synthesizer

MAX3674 Datasheet (HTML) - Maxim Integrated Products


MAX3674 Product details

General Description
The MAX3674 is a high-performance network clock synthesizer IC for networking, computing, and telecom applications. It integrates a crystal oscillator, a lownoise phase-locked loop (PLL), programmable dividers, and high-frequency LVPECL output buffers. The PLL generates a high-frequency clock based on a low-frequency reference clock provided by the on-chip crystal oscillator or an external LVCMOS clock. The MAX3674 has excellent period jitter, cycle-to-cycle jitter, and supply noise rejection performance. With output frequencies programmable from 21.25MHz to 1360MHz and support of two differential PECL output signals, the device provides a versatile solution for the most demanding clock applications.

Features
♦ 21.25MHz to 1360MHz Programmable PLL Synthesized Output Clocks
♦ Two Differential LVPECL-Compatible Outputs
♦ Cycle-to-Cycle Jitter 1.6ps RMS and Period Jitter 0.9ps RMS at 500MHz
♦ On-Chip Crystal Oscillator or Selectable LVCMOS-Compatible Reference Clock Input
♦ Excellent Power-Supply Noise Rejection
♦ Parallel or 2-Wire I2C Programming Interface
♦ Lock Indicator Output
♦ +3.3V Power Supply
♦ Power Consumption: 396mW at 3.3V
♦ 48-Pin LQFP Pb-Free Package
♦ -40°C to +85°C Temperature Range

Applications
    Ethernet Network ASIC Clock Generation
    Storage Area Network ASIC Clocking
    Optical Network ASIC Clocking
    Programmable Clock Source for Server, Computing, or Communication Systems
    Frequency Margining




Similar Part No. - MAX3674

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
621Kb / 10P
Evaluation Kit
Rev 0; 5/08
MAX3674 MAXIM-MAX3674 Datasheet
621Kb / 10P
On-Board 16MHz Crystal Reference
Rev 0; 5/08
MAX3674EVKIT MAXIM-MAX3674EVKIT Datasheet
621Kb / 10P
On-Board 16MHz Crystal Reference
Rev 0; 5/08
MAX3674EVKIT+ MAXIM-MAX3674EVKIT+ Datasheet
621Kb / 10P
Evaluation Kit
Rev 0; 5/08
MAX3674EVKIT+ MAXIM-MAX3674EVKIT+ Datasheet
621Kb / 10P
On-Board 16MHz Crystal Reference
Rev 0; 5/08
More results


Similar Description - MAX3674

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC92432 MOTOROLA-MPC92432 Datasheet
453Kb / 20P
1360 MHz Dual Output LVPECL Clock Synthesizer
logo
Cypress Semiconductor
C9827H CYPRESS-C9827H Datasheet
171Kb / 25P
High Performance Pentium 4 Clock Synthesizer
logo
Freescale Semiconductor...
MPC92433 FREESCALE-MPC92433 Datasheet
412Kb / 20P
1428 MHz Dual Output LVPECL Clock Synthesizer
logo
Cypress Semiconductor
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
High Performance Pentium짰 4 Clock Synthesizer
logo
PulseCore Semiconductor
PCS1P2859A PULSECORE-PCS1P2859A Datasheet
369Kb / 7P
Multi-Output Clock Synthesizer
PCS1P2859A PULSECORE-PCS1P2859A_08 Datasheet
348Kb / 7P
Multi-Output Clock Synthesizer
PCS1P2860A PULSECORE-PCS1P2860A Datasheet
368Kb / 7P
Multi-Output Clock Synthesizer
logo
ON Semiconductor
PCS1P2860A ONSEMI-PCS1P2860A Datasheet
149Kb / 6P
Multi-Output Clock Synthesizer
JANUARY 2010 ??Rev. 1
logo
Integrated Device Techn...
8V43FS92432 IDT-8V43FS92432 Datasheet
392Kb / 27P
1360MHz Dual Output LVPECL Clock Synthesizer
logo
Renesas Technology Corp
8V43FS92432 RENESAS-8V43FS92432 Datasheet
594Kb / 28P
1360MHz Dual Output LVPECL Clock Synthesizer
10/28/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com