Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71148M Datasheet (PDF) - Renesas Technology Corp

ISL71148M Datasheet PDF - Renesas Technology Corp
Part # ISL71148M
Download  ISL71148M Download
File Size   2473.3 Kbytes
Page   72 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant 8-Channel 14-Bit 900/480ksps SAR ADC

ISL71148M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71148M Datasheet PDF - Renesas Technology Corp

Part # ISL71148M
Download  ISL71148M Click to download

File Size   2473.3 Kbytes
Page   72 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant 8-Channel 14-Bit 900/480ksps SAR ADC

ISL71148M Datasheet (HTML) - Renesas Technology Corp


ISL71148M Product details

Features
▪ Qualified to Renesas Rad Tolerant Screening and
QCI Flow (R34TB0004EU)
▪ 8 Buffered Differential Analog Input Channels with
Multiplexer
▪ Bypassable PGA with selectable gain (1 ≤ G ≤ 16)
▪ Fully Differential Bipolar Operation
▪ Channel Scan Sequencer
▪ Full throughput rate with no data latency
▪ Excellent linearity: ±0.2 LSB DNL, ±0.4 LSB INL
▪ Low noise: 83.2dBFS (PGA bypassed), 77dBFS
SNR (PGA Gain = 2)
▪ 5V AVCC supply and 2.5V/3.3V DVCC supply
▪ Analog input impedance: >1GΩ, <5pF
▪ Wide 50MHz -3dB input bandwidth
▪ Low power mode operation at lower sample rates
▪ High speed SPI-compatible serial I/O
▪ Full military temperature range operation
TA = -55°C to +125°C
▪ TID Radiation Lot Acceptance Testing
(LDR: 0.01rad(Si)/s)
• ISL71148M30NZ: 30krad(Si)
• ISL71148M50NZ: 50krad(Si)
▪ SEE Characterization
• No DSEE for AVCC = 6.2V, DVCC = 4.6V, and
VREF = 3.6V at 46MeV•cm2/mg
• SEFI <3.1μm2 at 46MeV•cm2/mg




Similar Part No. - ISL71148M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71148SLH RENESAS-ISL71148SLH Datasheet
2Mb / 61P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 25, 2025
ISL71148SLHMNZ RENESAS-ISL71148SLHMNZ Datasheet
2Mb / 61P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 25, 2025
More results


Similar Description - ISL71148M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7484 AD-AD7484 Datasheet
155Kb / 12P
3MSPS, 14-Bit SAR ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 28P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
ISL73148SEH RENESAS-ISL73148SEH Datasheet
1Mb / 59P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 23, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com