Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71148SLH Datasheet (PDF) - Renesas Technology Corp

ISL71148SLH Datasheet PDF - Renesas Technology Corp
Part # ISL71148SLH
Download  ISL71148SLH Download
File Size   2278.22 Kbytes
Page   61 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC

ISL71148SLH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71148SLH Datasheet PDF - Renesas Technology Corp

Part # ISL71148SLH
Download  ISL71148SLH Click to download

File Size   2278.22 Kbytes
Page   61 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC

ISL71148SLH Datasheet (HTML) - Renesas Technology Corp


ISL71148SLH Product details

Features
▪ Qualified to Renesas rad hard QML-P Equivalent
Screening and QCI Flow (R34TB0005EU)
• All screening and QCI is in accordance with
MIL-PRF-38535L Class-P
▪ 8 Buffered Differential Analog Input Channels with
Multiplexer
▪ Bypassable PGA with selectable gain (1 ≤ G ≤ 16)
▪ Fully Differential Bipolar Operation
▪ Channel Scan Sequencer
▪ Full throughput rate with no data latency
▪ Excellent linearity: ±0.2 LSB DNL, ±0.4 LSB INL
▪ Low noise: 83.2dBFS (PGA bypassed), 77dBFS
SNR (PGA Gain = 2)
▪ 5V AVCC supply and 2.5V/3.3V DVCC supply
▪ Analog input impedance: >1GΩ, <5pF
▪ Wide 50MHz -3dB input bandwidth
▪ Low power mode operation at lower sample rates
▪ High speed SPI-compatible serial I/O
▪ Full military temperature range operation
TA = -55°C to +125°C
▪ TID Rad Hard Assurance (RHA) testing
• LDR (≤10mrad(Si)/s): 75krad(Si)
▪ SEE Characterization
• No DSEE for AVCC = 6.2V, DVCC = 4.6V, and
VREF = 3.6V at 86MeV•cm2/mg
• SEFI <3.1μm2 at 86MeV•cm2/mg




Similar Part No. - ISL71148SLH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71148M RENESAS-ISL71148M Datasheet
2Mb / 72P
Radiation Tolerant 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 25, 2025
ISL71148M30NZ RENESAS-ISL71148M30NZ Datasheet
2Mb / 72P
Radiation Tolerant 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 25, 2025
ISL71148M50NZ RENESAS-ISL71148M50NZ Datasheet
2Mb / 72P
Radiation Tolerant 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 25, 2025
ISL71148MNZEV1Z RENESAS-ISL71148MNZEV1Z Datasheet
2Mb / 72P
Radiation Tolerant 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 25, 2025
More results


Similar Description - ISL71148SLH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7484 AD-AD7484 Datasheet
155Kb / 12P
3MSPS, 14-Bit SAR ADC
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 28P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
ISL73148SEH RENESAS-ISL73148SEH Datasheet
1Mb / 59P
Radiation Hardened 8-Channel 14-Bit 900/480ksps SAR ADC
Feb 23, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com