Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADXL356 Datasheet (PDF) - Analog Devices

ADXL356 Datasheet PDF - Analog Devices
Part # ADXL356
Download  ADXL356 Download
File Size   3556.39 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers

ADXL356 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL356 Datasheet PDF - Analog Devices

Part # ADXL356
Download  ADXL356 Click to download

File Size   3556.39 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers

ADXL356 Datasheet (HTML) - Analog Devices


ADXL356 Product details

FEATURES
► 0 g offset vs. temperature (all axes): 0.75 mg/°C maximum
► Ultralow noise spectral density (all axes): 75 μg/√Hz
► Low power, VSUPPLY (LDO regulator enabled)
► ADXL356 in measurement mode: 150 μA
► ADXL357/ADXL357B in measurement mode: 200 μA
► ADXL356/ADXL357/ADXL357B in standby mode: 21 μA
► ADXL356 has user adjustable analog output bandwidth
► ADXL357/ADXL357B digital output features
► Digital SPI and limited I2C interfaces supported
► 20-bit ADC
► Data interpolation routine for synchronous sampling
► Programmable high- and low-pass digital filters
► Integrated temperature sensor
► Voltage range options
► VSUPPLY with internal regulators: 2.25 V to 3.6 V
► V1P8ANA, V1P8DIG with internal LDO regulator bypassed: 1.8 V
typical ± 10%
► Operating temperature range: −40°C to +125°C
► 14-terminal, 6 mm × 5.6 mm × 2.2 mm, LCC package

APPLICATIONS
► Inertial measurement units (IMUs)/attitude and heading reference
systems (AHRSs)
► Platform stabilization systems
► Structural health monitoring
► Seismic imaging
► Tilt sensing
► Robotics
► Condition monitoring




Similar Part No. - ADXL356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL356BEZ AD-ADXL356BEZ Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL356BEZ-RL AD-ADXL356BEZ-RL Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL356BEZ-RL7 AD-ADXL356BEZ-RL7 Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL356CEZ AD-ADXL356CEZ Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
More results


Similar Description - ADXL356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL150 AD-ADXL150 Datasheet
341Kb / 15P
-5 g to -50 g, Low Noise, Low Power, Single/Dual Axis iMEMS Accelerometers
REV.0
ADXL278 AD-ADXL278 Datasheet
196Kb / 12P
Dual-Axis, High-g, MEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
3/06-Revision 0
logo
Texas Instruments
REF5040IDGK TI-REF5040IDGK Datasheet
1Mb / 28P
Low-Noise, Very Low Drift Precision
logo
STMicroelectronics
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
logo
Analog Devices
ADXL1001 AD-ADXL1001 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
3/2017-Revision 0
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
MAX6078A AD-MAX6078A Datasheet
3Mb / 18P
Low-Power, Low-Drift,Low-Noise Voltage Reference
Rev 3 6/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com