Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDS3080H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

PLDS3080H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # PLDS3080H
Download  PLDS3080H Download
File Size   466.1 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 30A, 800V Surface Mount Rectifier

PLDS3080H Datasheet (PDF)

Go To PDF Page Download Datasheet
PLDS3080H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # PLDS3080H
Download  PLDS3080H Click to download

File Size   466.1 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 30A, 800V Surface Mount Rectifier

PLDS3080H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


PLDS3080H Product details

FEATURES
AEC-Q101 qualified
Lead for automated placement
High surge current capability
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
On Board Charger




Similar Part No. - PLDS3080H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PLDS3060H TSC-PLDS3060H Datasheet
465Kb / 5P
30A, 600 Surface Mount Rectifier
Version: B2502
PLDS30J TSC-PLDS30J Datasheet
467Kb / 5P
30A, 600V Low VF Surface Mount Rectifier
Version: C2502
PLDS30JH TSC-PLDS30JH Datasheet
469Kb / 5P
30A, 600V Low VF Surface Mount Rectifier
Version: C2502
More results


Similar Description - PLDS3080H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBG3030CT DIODES-SBG3030CT Datasheet
47Kb / 2P
30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. C-2
logo
Nihon Inter Electronics...
PT308 NIEC-PT308 Datasheet
135Kb / 3P
DIODE MODULE 30A/800V/1000V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PCH308 NIEC-PCH308 Datasheet
248Kb / 5P
THYRISTOR MODULE 30A/800V
PE308N NIEC-PE308N Datasheet
156Kb / 3P
DIODE MODULE 30A/800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT308AC NIEC-PT308AC Datasheet
113Kb / 3P
DIODE MODULE 30A/800V
logo
Diodes Incorporated
SBG3030CT DIODES-SBG3030CT_1 Datasheet
70Kb / 2P
30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30025 Rev. 5 - 2
SBG3030CT DIODES-SBG3030CT_15 Datasheet
82Kb / 5P
30A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 8
logo
Chip Integration Techno...
CP30L120SG CITC-CP30L120SG Datasheet
1Mb / 3P
30A Surface Mount Trench Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com