Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA1-MPDCD3 Datasheet (PDF) - Sensata Technologies, Inc.

DRA1-MPDCD3 Datasheet PDF - Sensata Technologies, Inc.
Part # DRA1-MPDCD3
Download  DRA1-MPDCD3 Download
File Size   487.33 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DRA1 SERIES | MP AC & DC OUTPUT

DRA1-MPDCD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRA1-MPDCD3 Datasheet PDF - Sensata Technologies, Inc.

Part # DRA1-MPDCD3
Download  DRA1-MPDCD3 Click to download

File Size   487.33 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description DRA1 SERIES | MP AC & DC OUTPUT

DRA1-MPDCD3 Datasheet (HTML) - Sensata Technologies, Inc.


DRA1-MPDCD3 Product details

Features
• 10mm Single Channel DIN Rail Mount SSR Assembly
• AC Ratings up to 280 VAC and 4 Amps
• DC Ratings for 60 VDC and 3 Amps
• N.O. AC or DC output, N.C. Output (-B)
• 3-32 VDC Control
• Cage style screw terminals for easy connection
• Fits standard 35mm DIN rail




Similar Part No. - DRA1-MPDCD3

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA1-MPDCD3 CRYDOM-DRA1-MPDCD3 Datasheet
660Kb / 5P
DRA1 MP Series
DRA1-MPDCD3 CRYDOM-DRA1-MPDCD3 Datasheet
660Kb / 5P
DIN Rail Mount
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DRA1 MP Series
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DIN Rail Mount
More results


Similar Description - DRA1-MPDCD3

ManufacturerPart #DatasheetDescription
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
Multiple-Output AC-DC
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
Single-Output AC-DC
MPB150 POWER-ONE-MPB150 Datasheet
97Kb / 4P
Dual-Output AC-DC Series
logo
Crydom Inc.,
DRA1-CX240D5 CRYDOM-DRA1-CX240D5 Datasheet
743Kb / 5P
DRA1 CX Series
DRA1-CX380D5 CRYDOM-DRA1-CX380D5 Datasheet
743Kb / 5P
DRA1 CX Series
DRA1-CXE240D5R CRYDOM-DRA1-CXE240D5R Datasheet
743Kb / 5P
DRA1 CX Series
DRA1-MCX240D5 CRYDOM-DRA1-MCX240D5 Datasheet
703Kb / 5P
DRA1 MCX Series
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DRA1 MP Series
logo
Integrated Power Design...
GRN-60 IPDPOWER-GRN-60 Datasheet
361Kb / 2P
SINGLE OUTPUT AC-DC
REV. Y 10/6/2022
NXT-400M IPDPOWER-NXT-400M Datasheet
486Kb / 2P
MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com