Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA1-MPDCD3 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # DRA1-MPDCD3
Description  DRA1 SERIES | MP AC & DC OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DRA1-MPDCD3 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  DRA1-MPDCD3 Datasheet HTML 1Page - Sensata Technologies, Inc. DRA1-MPDCD3 Datasheet HTML 2Page - Sensata Technologies, Inc. DRA1-MPDCD3 Datasheet HTML 3Page - Sensata Technologies, Inc. DRA1-MPDCD3 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
SPECIFICATIONS
AC Output (1)
Features
• 10mm Single Channel DIN Rail Mount SSR Assembly
• AC Ratings up to 280 VAC and 4 Amps
• DC Ratings for 60 VDC and 3 Amps
• N.O. AC or DC output, N.C. Output (-B)
• 3-32 VDC Control
• Cage style screw terminals for easy connection
• Fits standard 35mm DIN rail
Description
DRA1-MP120D3
DRA1-MP240D3
DRA1-MP240D3
Operating Voltage [VAC]
12 - 140
24 - 280
24 - 280
Transient Overvoltage [Vpk]
400
600
600
Maximum Load Current [Arms] (2)
3
3
4
Minimum Load Current [Arms]
0.02
0.02
0.02
Maximum Off-Sate Leakage Current
@ Rated Voltage [mArms]
5
5
5
Maximum Off-State dv/dt
@ Maximum Rated Voltage [V/
µsec] (3)
200
200
200
Maximum 1 Cycle Surge Current
(50/60 Hz) [Apk]
86 / 90
86 / 90
125 / 130
Maximum I2t for Fusing
(50/60 Hz, ½ Cycle) [A2 Sec]
39 / 36
39 / 36
78 / 72
Maximum On-State Voltage Drop
@ Rated Current [Vpk]
1.6
1.6
1.6
Control Voltage
3A
3A
4A
3 - 32 VDC Control
DRA1-MP120D3
DRA1-MP240D3
DRA1-MP240D4
3 - 32 VDC Control
DRA1-MPDCD3
DRA1-MPDCD3-B
DRA1 SERIES | MP AC & DC OUTPUT
DIN RAIL MOUNT
PRODUCT SELECTION


Similar Part No. - DRA1-MPDCD3

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA1-MPDCD3 CRYDOM-DRA1-MPDCD3 Datasheet
660Kb / 5P
DRA1 MP Series
DRA1-MPDCD3 CRYDOM-DRA1-MPDCD3 Datasheet
660Kb / 5P
DIN Rail Mount
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DRA1 MP Series
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DIN Rail Mount
More results

Similar Description - DRA1-MPDCD3

ManufacturerPart #DatasheetDescription
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
Multiple-Output AC-DC
MPB125-1012 POWER-ONE-MPB125-1012 Datasheet
96Kb / 4P
Single-Output AC-DC
MPB150 POWER-ONE-MPB150 Datasheet
97Kb / 4P
Dual-Output AC-DC Series
logo
Crydom Inc.,
DRA1-CX240D5 CRYDOM-DRA1-CX240D5 Datasheet
743Kb / 5P
DRA1 CX Series
DRA1-CX380D5 CRYDOM-DRA1-CX380D5 Datasheet
743Kb / 5P
DRA1 CX Series
DRA1-CXE240D5R CRYDOM-DRA1-CXE240D5R Datasheet
743Kb / 5P
DRA1 CX Series
DRA1-MCX240D5 CRYDOM-DRA1-MCX240D5 Datasheet
703Kb / 5P
DRA1 MCX Series
DRA1-MPDCD3-B CRYDOM-DRA1-MPDCD3-B Datasheet
660Kb / 5P
DRA1 MP Series
logo
Integrated Power Design...
GRN-60 IPDPOWER-GRN-60 Datasheet
361Kb / 2P
SINGLE OUTPUT AC-DC
REV. Y 10/6/2022
NXT-400M IPDPOWER-NXT-400M Datasheet
486Kb / 2P
MULTI OUTPUT AC-DC
REV. KKL 10/7/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com