Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP110 Datasheet (PDF) - Texas Instruments

CDCLVP110 Datasheet PDF - Texas Instruments
Part # CDCLVP110
Download  CDCLVP110 Download
File Size   389.68 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver

CDCLVP110 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVP110 Datasheet PDF - Texas Instruments

Part # CDCLVP110
Download  CDCLVP110 Click to download

File Size   389.68 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver

CDCLVP110 Datasheet (HTML) - Texas Instruments


CDCLVP110 Product details

1FEATURES
• Distributes One Differential Clock Input Pair
LVPECL/HSTL to 10 Differential LVPECL Clock
Outputs
• Fully Compatible With LVECL/LVPECL/HSTL
• Single Supply Voltage Required, ±3.3-V or
±2.5-V Supply
• Selectable Clock Input Through CLK_SEL
• Low-Output Skew (Typ 15 ps) for
Clock-Distribution Applications
• VBB Reference Voltage Output for
Single-Ended Clocking
• Available in a 32-Pin LQFP Package
• Frequency Range From DC to 3.5 GHz
• Pin-to-Pin Compatible With MC100 Series
EP111, ES6111, LVEP111, PTN1111

DESCRIPTION
The CDCLVP110 clock driver distributes one
differential clock pair of either LVPECL or HSTL
(selectable) input, (CLK0, CLK1) to ten pairs of
differential LVPECL clock (Q0, Q9) outputs with minimum skew for clock distribution. The
CDCLVP110 can accept two clock sources into an
input multiplexer. The CLK0 input accepts either
LVECL/LVPECL input signals, while CLK1 accepts an
HSTL input signal when operated under LVPECL
conditions. The CDCLVP110 is specifically designed
for driving 50-Ω transmission lines.
The VBB reference voltage output is used if
single-ended input operation is required. In this case
the VBB pin should be connected to CLK0 and
bypassed to GND via a 10-nF capacitor.
However, for high-speed performance up to 3.5 GHz,
the differential mode is strongly recommended.
The CDCLVP110 is characterized for operation from
–40°C to 85°C.




Similar Part No. - CDCLVP110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110 Datasheet
675Kb / 14P
Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI2-CDCLVP1102 Datasheet
813Kb / 28P
CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
REVISED DECEMBER 2015
CDCLVP1102 TI2-CDCLVP1102 Datasheet
854Kb / 31P
CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
REVISED DECEMBER 2015
More results


Similar Description - CDCLVP110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com