Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS501PW Datasheet (PDF) - Texas Instruments

CDCS501PW Datasheet PDF - Texas Instruments
Part # CDCS501PW
Download  CDCS501PW Download
File Size   524.72 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SSC Clock Generator/Buffer

CDCS501PW Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCS501PW Datasheet PDF - Texas Instruments

Part # CDCS501PW
Download  CDCS501PW Click to download

File Size   524.72 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SSC Clock Generator/Buffer

CDCS501PW Datasheet (HTML) - Texas Instruments


CDCS501PW Product details

1FEATURES
· Part of a Family of Easy to use Clock
Generator Devices With Optional SSC
· SSC Capable Clock Generator / Buffer
· SSC Controllable via 3 External Pins
– ±0% to ±1.5% Center Spread
· 1 External Control Pin for SSC ON / OFF
Selection
· 40 MHz to 108 MHz Single-Ended LVCMOS
Input
· Single 3.3V Device Power Supply
· Wide Temperature Range – 40°C to 85°C
· Low Space Consumption by 8 Pin TSSOP
Package

APPLICATIONS
· Consumer and Industrial Applications
Requiring EMI Reduction through Spread
Spectrum Clocking

DESCRIPTION
The CDCS501 is a spread spectrum capable, LVCMOS Input Clock Buffer for EMI reduction.
The device is designed to counter common EMI problems in modern electronic designs.
It accepts a 3.3V LVCMOS signal at the input and spread this signal by a small amount, centered around the
input frequency. The amount of spread can be selected via 3 control pins. The Functional Table contains detailed
information on the amount of spread. A 4th control pin can be used to activate or deactivate the Spread
Spectrum Clock Generator.
Selecting SSC_ON = off will turn the Spread Spectrum Clock Generator off only. The device will still pass the
LVCMOS signal that’s presented at its input trough to its output. This pin is low active.
The wide operating frequency range covers most commonly used midrange Audio and Video frequencies. The
CDCS501 operates in 3.3V environment.
It is characterized for operation from –40°C to 85°C, and available in an 8-pin TSSOP package.




Similar Part No. - CDCS501PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS501PW TI-CDCS501PW Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS501PWR TI-CDCS501PWR Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
More results


Similar Description - CDCS501PW

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
CK-SSC Spread Spectrum Clock Generator
logo
Texas Instruments
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
Crystal Oscillator / Clock Generator with optional SSC
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com