Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS501PW Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCS501PW
Description  SSC Clock Generator/Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS501PW Datasheet(HTML) 4 Page - Texas Instruments

  CDCS501PW Datasheet HTML 1Page - Texas Instruments CDCS501PW Datasheet HTML 2Page - Texas Instruments CDCS501PW Datasheet HTML 3Page - Texas Instruments CDCS501PW Datasheet HTML 4Page - Texas Instruments CDCS501PW Datasheet HTML 5Page - Texas Instruments CDCS501PW Datasheet HTML 6Page - Texas Instruments CDCS501PW Datasheet HTML 7Page - Texas Instruments CDCS501PW Datasheet HTML 8Page - Texas Instruments CDCS501PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DEVICE CHARACTERISTICS
10
15
20
25
30
35
40
20
30
40
50
60
70
80
90
100 110 120
f-Frequency-MHz
V
=3.3V
DD
CDCS501
SCAS874 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Device supply current
fIN = 80 MHz
26
mA
fOUT
Output frequency
40
108
MHz
IIH
LVCMOS input current
VI = VDD; VDD = 3.6V
10
µA
IIL
LVCMOS input current
VI = 0 V; VDD = 3.6V
–10
µA
IOH = –0.1mA
2.9
VOH
LVCMOS high-level output voltage
IOH = –8mA
2.4
V
IOH = –12mA
2.2
IOL = 0.1mA
0.1
VOL
LVCMOS low-level output voltage
IOL = 8mA
0.5
V
IOL = 12mA
0.8
tJIT(C-C)
Cycle to cycle jitter cycles
fout = 80 MHz; SSC = 1%, 10000 cycles
110
ps
tr/tf
Rise and fall time
20%–80%
0.75
ns
Odc
Output duty cycle
45%
55%
fMOD
Modulation frequency
30
kHz
Figure 1. IDD vs. Input Frequency, VDD = 3.3V
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCS501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com