Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS501PW Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCS501PW
Description  SSC Clock Generator/Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS501PW Datasheet(HTML) 2 Page - Texas Instruments

  CDCS501PW Datasheet HTML 1Page - Texas Instruments CDCS501PW Datasheet HTML 2Page - Texas Instruments CDCS501PW Datasheet HTML 3Page - Texas Instruments CDCS501PW Datasheet HTML 4Page - Texas Instruments CDCS501PW Datasheet HTML 5Page - Texas Instruments CDCS501PW Datasheet HTML 6Page - Texas Instruments CDCS501PW Datasheet HTML 7Page - Texas Instruments CDCS501PW Datasheet HTML 8Page - Texas Instruments CDCS501PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FUNCTION TABLE
DEVICE INFORMATION
PACKAGE
SSC_SEL 0
1
8
VDD
SSC_SEL 1
2
7
OUT
GND
3
6
SSC_ON
IN
4
5
CDCS501
SSC_SEL 2
PACKAGE THERMAL RESISTANCE FOR TSSOP (PW) PACKAGE
(1)
CDCS501
SCAS874 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
SSC_ON
SSC_SEL 0
SSC_SEL 1
SSC_SEL 2
SPREAD AMOUNT
1
x
x
X
0.00%
0
0
0
0
1.00%
0
0
0
1
1.50%
0
0
1
0
1.00%
0
0
1
1
1.50%
0
1
0
0
0.50%
0
1
0
1
0.75%
0
1
1
0
0.00%
0
1
1
1
0.50%
PIN FUNCTIONS
PIN
NAME
NO.
Type
Description
IN
1
I
LVCMOS Clock Input
OUT
6
O
LVCMOS Clock Output
SSC_SEL 0, 1, 2
2, 3, 7
I
Spread Selection Pins, internal Pull-up
SSC_ON
5
I
SSC on/off Pin, active low; internal Pull-down
VDD
8
Power
3.3V Power Supply
GND
4
Ground
Ground
THERMAL AIRFLOW (CFM)
CDCS501PW 8-PIN TSSOP
UNIT
0
150
250
500
High K
149
142
138
132
RθJA
°C / W
Low K
230
185
170
150
High K
65
RθJc
°C / W
Low K
69
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCS501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com