Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ3100 Datasheet (PDF) - Infinite Electronics International, Inc.

ARTJ3100 Datasheet PDF - Infinite Electronics International, Inc.
Part # ARTJ3100
Download  ARTJ3100 Download
File Size   71.06 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC JACK BULKHEAD CRIMP CONNECTOR FOR LMR100/RG174/316

ARTJ3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARTJ3100 Datasheet PDF - Infinite Electronics International, Inc.

Part # ARTJ3100
Download  ARTJ3100 Click to download

File Size   71.06 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC JACK BULKHEAD CRIMP CONNECTOR FOR LMR100/RG174/316

ARTJ3100 Datasheet (HTML) - Infinite Electronics International, Inc.


ARTJ3100 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR: <1.50 @ 0~4 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 30 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - ARTJ3100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ3702 L-COM-ARTJ3702 Datasheet
56Kb / 1P
Reverse Polarity TNC Jack Bulkhead Crimp for RG58 / WBC195 / LMR195 Series
2/25/10
ARTJ3704 L-COM-ARTJ3704 Datasheet
69Kb / 1P
RP-TNC JACK BULKHEAD SOLDERLESS CRIMP CONNECTOR FOR LMR195
02/05/14
More results


Similar Description - ARTJ3100

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73010 POMONA-73010 Datasheet
148Kb / 2P
MCX JACK STRAIGHT CRIMP, RG174, 316
73029 POMONA-73029 Datasheet
152Kb / 2P
MMCX JACK STRAIGHT CRIMP, RG174, 316
logo
Pasternack Enterprises,...
PE4681 PASTERNACK-PE4681 Datasheet
318Kb / 3P
RP TNC Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44373 PASTERNACK-PE44373 Datasheet
205Kb / 2P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .177 inch D Hole
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
logo
List of Unclassifed Man...
CONREVMCX005 ETC2-CONREVMCX005 Datasheet
172Kb / 1P
RP-MCX FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
CONREVSMA005 ETC2-CONREVSMA005 Datasheet
207Kb / 1P
RP-SMA FEMALE BULKHEAD MOUNT CABLE END CRIMP FOR RG174 CABLE
logo
Amphenol RF.
122192-15-BC RF-122192-15-BC Datasheet
131Kb / 1P
TNC BULKHEAD CRIMP JACK IP-67, FOR RG-174, 316 BLACK PLATED
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com