Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ3704 Datasheet (PDF) - Infinite Electronics International, Inc.

ARTJ3704 Datasheet PDF - Infinite Electronics International, Inc.
Part # ARTJ3704
Download  ARTJ3704 Download
File Size   69.74 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC JACK BULKHEAD SOLDERLESS CRIMP CONNECTOR FOR LMR195

ARTJ3704 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARTJ3704 Datasheet PDF - Infinite Electronics International, Inc.

Part # ARTJ3704
Download  ARTJ3704 Click to download

File Size   69.74 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description RP-TNC JACK BULKHEAD SOLDERLESS CRIMP CONNECTOR FOR LMR195

ARTJ3704 Datasheet (HTML) - Infinite Electronics International, Inc.


ARTJ3704 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR: <1.30 @ 0~4 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - ARTJ3704

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ3702 L-COM-ARTJ3702 Datasheet
56Kb / 1P
Reverse Polarity TNC Jack Bulkhead Crimp for RG58 / WBC195 / LMR195 Series
2/25/10
More results


Similar Description - ARTJ3704

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD122-37-9 WINCHESTER-SD122-37-9 Datasheet
62Kb / 1P
JACK BULKHEAD TNC
SDKA-19-151 WINCHESTER-SDKA-19-151 Datasheet
97Kb / 1P
TNC BULKHEAD JACK
SDKA-19-152 WINCHESTER-SDKA-19-152 Datasheet
90Kb / 1P
TNC BULKHEAD JACK
SDKA-19-171 WINCHESTER-SDKA-19-171 Datasheet
71Kb / 1P
TNC BULKHEAD JACK
logo
Pasternack Enterprises,...
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE4696 PASTERNACK-PE4696 Datasheet
266Kb / 2P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com