Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ3704 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTJ3704
Description  RP-TNC JACK BULKHEAD SOLDERLESS CRIMP CONNECTOR FOR LMR195
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTJ3704 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTJ3704 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.47 11.8
1.15 29.3 REF.
H 17.5
H 16
1/2-28UNEF
7/16-28UNEF
.213 5.41
.475 12.1
.177 4.5
.587 14.9
.276 7
RECOMMENDED
FERRULE
CRIMP SIZE
RECOMMENDED CABLE
STRIPPING
RECOMMENDED HOLE
CUT-OUT SIZE
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR: <1.30 @ 0~4 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
DESCRIPTION
MATERIAL
FINISH
CENTER PIN
BRASS
GOLD
BODY
BRASS
NICKEL
WASHER
BRASS
NICKEL
NUT
BRASS
NICKEL
GASKET
RUBBER
---
CRIMP FERRULE
BRASS
NICKEL
INSULATOR
PTFE
---
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ARTJ-3704
A
ARTJ-3704.SLDDRW
1
1
K.BURGNER
02/05/14
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
P.PESA
02/05/14
2/6/14
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
RP-TNC JACK BULKHEAD SOLDERLESS CRIMP
CONNECTOR FOR LMR195
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
B.PUCHASKI
COLOR VARIATIONS
MAY OCCUR
02/05/14
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - ARTJ3704

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ3702 L-COM-ARTJ3702 Datasheet
56Kb / 1P
Reverse Polarity TNC Jack Bulkhead Crimp for RG58 / WBC195 / LMR195 Series
2/25/10
More results

Similar Description - ARTJ3704

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD122-37-9 WINCHESTER-SD122-37-9 Datasheet
62Kb / 1P
JACK BULKHEAD TNC
SDKA-19-151 WINCHESTER-SDKA-19-151 Datasheet
97Kb / 1P
TNC BULKHEAD JACK
SDKA-19-152 WINCHESTER-SDKA-19-152 Datasheet
90Kb / 1P
TNC BULKHEAD JACK
SDKA-19-171 WINCHESTER-SDKA-19-171 Datasheet
71Kb / 1P
TNC BULKHEAD JACK
logo
Pasternack Enterprises,...
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
PE4696 PASTERNACK-PE4696 Datasheet
266Kb / 2P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG58, .480 inch D Hole
PE4700 PASTERNACK-PE4700 Datasheet
319Kb / 3P
RP TNC Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .480 inch D Hole
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com