Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ3702 Datasheet (PDF) - Infinite Electronics International, Inc.

ARTJ3702 Datasheet PDF - Infinite Electronics International, Inc.
Part # ARTJ3702
Download  ARTJ3702 Download
File Size   56.62 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Reverse Polarity TNC Jack Bulkhead Crimp for RG58 / WBC195 / LMR195 Series

ARTJ3702 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARTJ3702 Datasheet PDF - Infinite Electronics International, Inc.

Part # ARTJ3702
Download  ARTJ3702 Click to download

File Size   56.62 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Reverse Polarity TNC Jack Bulkhead Crimp for RG58 / WBC195 / LMR195 Series

ARTJ3702 Datasheet (HTML) - Infinite Electronics International, Inc.


ARTJ3702 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR: <1.30 @ 0~4 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS

MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
APPLICATION: RG58, LMR195 AND EQUIVALENT.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - ARTJ3702

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ3704 L-COM-ARTJ3704 Datasheet
69Kb / 1P
RP-TNC JACK BULKHEAD SOLDERLESS CRIMP CONNECTOR FOR LMR195
02/05/14
More results


Similar Description - ARTJ3702

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4664 PASTERNACK-PE4664 Datasheet
108Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG58
PE44476 PASTERNACK-PE44476 Datasheet
83Kb / 1P
REVERSE POLARITY N FEMALE CRIMP ATTACHMENT FOR RG58
PE4769 PASTERNACK-PE4769 Datasheet
83Kb / 1P
REVERSE POLARITY SMA MALE CRIMP ATTACHMENT FOR RG58
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4857 PASTERNACK-PE4857 Datasheet
86Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44095 PASTERNACK-PE44095 Datasheet
85Kb / 1P
SMC JACK BULKHEAD CRIMP ATTACHMENT FOR RG58
logo
List of Unclassifed Man...
336320-12-0050 ETC2-336320-12-0050 Datasheet
320Kb / 1P
REVERSE POLARITY SMA BULKHEAD CRIMP JACK IP 67
logo
Amphenol Corporation
242192RP AMPHENOL-242192RP Datasheet
74Kb / 1P
AMC JACK TO TNC REVERSE POLARITY JACK BULKHEAD ADAPTER
logo
Rosenberger Hochfrequen...
32RK647-302L5 ROSENBERGER-32RK647-302L5 Datasheet
42Kb / 2P
BULKHEAD JACK REVERSE POLARITY
logo
Pasternack Enterprises,...
PE44473 PASTERNACK-PE44473 Datasheet
82Kb / 1P
REVERSE POLARITY N MALE CRIMP ATTACHMENT FOR RG58
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com