Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ3702 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTJ3702
Description  Reverse Polarity TNC Jack Bulkhead Crimp for RG58 / WBC195 / LMR195 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTJ3702 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTJ3702 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.068
1.73
.213
5.41
.475
12.07
.500
12.70
.65
16.4
.18
4.5
.33
8.5
.87
22
MAY OCCUR
A
B
C
B.PUCHASKI
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
ECN 5802: CHANGED VALUES TO 0~4 GHz, REVISED PACKAGING NOTE
8
M.AUDAS
E
ARTJ-3702.SLDDRW
1
UNLESS OTHERWISE SPECIFIED,
2/25/10
REVISIONS
DESCRIPTION
APPROVED
REV
M.AUDAS
2/25/10
11/2/11
E
1
DATE
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
ARTJ-3702
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
PROJECTION
2/25/10
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
CONNECTOR
Reverse Polarity TNC Jack Bulkhead Crimp
RECOMMENDED HOLE CUT-
PIN
FERRULE
CRIMP SIZE
OUT SIZE
E
RECOMMENDED
CRIMP SIZE
for RG58 / WBC195 / LMR195 Series
STRIPPING
RECOMMENDED CABLE
RECOMMENDED
DESCRIPTION
MATERIAL
FINISH
CENTER PIN
BRASS
GOLD
BODY
BRASS
NICKEL
WASHER
BRASS
NICKEL
NUT
BRASS
NICKEL
GASKET
RUBBER
--
CRIMP FERRULE
BRASS
NICKEL
INSULATOR
TEFLON
---
E
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1500V
FREQUENCY RANGE: 0~4 GHz
VSWR: <1.30 @ 0~4 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS
MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
APPLICATION: RG58, LMR195 AND EQUIVALENT.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
7/16-28UNEF
H17.5
1/2-28UNEF
H16


Similar Part No. - ARTJ3702

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ3704 L-COM-ARTJ3704 Datasheet
69Kb / 1P
RP-TNC JACK BULKHEAD SOLDERLESS CRIMP CONNECTOR FOR LMR195
02/05/14
More results

Similar Description - ARTJ3702

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4664 PASTERNACK-PE4664 Datasheet
108Kb / 1P
REVERSE POLARITY TNC MALE CRIMP ATTACHMENT FOR RG58
PE44476 PASTERNACK-PE44476 Datasheet
83Kb / 1P
REVERSE POLARITY N FEMALE CRIMP ATTACHMENT FOR RG58
PE4769 PASTERNACK-PE4769 Datasheet
83Kb / 1P
REVERSE POLARITY SMA MALE CRIMP ATTACHMENT FOR RG58
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4857 PASTERNACK-PE4857 Datasheet
86Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44095 PASTERNACK-PE44095 Datasheet
85Kb / 1P
SMC JACK BULKHEAD CRIMP ATTACHMENT FOR RG58
logo
List of Unclassifed Man...
336320-12-0050 ETC2-336320-12-0050 Datasheet
320Kb / 1P
REVERSE POLARITY SMA BULKHEAD CRIMP JACK IP 67
logo
Amphenol Corporation
242192RP AMPHENOL-242192RP Datasheet
74Kb / 1P
AMC JACK TO TNC REVERSE POLARITY JACK BULKHEAD ADAPTER
logo
Rosenberger Hochfrequen...
32RK647-302L5 ROSENBERGER-32RK647-302L5 Datasheet
42Kb / 2P
BULKHEAD JACK REVERSE POLARITY
logo
Pasternack Enterprises,...
PE44473 PASTERNACK-PE44473 Datasheet
82Kb / 1P
REVERSE POLARITY N MALE CRIMP ATTACHMENT FOR RG58
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com