Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-2199 Datasheet (PDF) - Analog Devices

UG-2199 Datasheet PDF - Analog Devices
Part # UG-2199
Download  UG-2199 Download
File Size   2496.98 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the ADM1281 Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface

UG-2199 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2199 Datasheet PDF - Analog Devices

Part # UG-2199
Download  UG-2199 Click to download

File Size   2496.98 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the ADM1281 Hot-Swap Controller and Digital Power and Energy Monitor with PMBus Interface

UG-2199 Datasheet (HTML) - Analog Devices


UG-2199 Product details

FEATURES
► Fully functional evaluation board for the ADM1281
► Populated and tested with 12 V, 73 A, and 3 mF design
► Special N-MOSFET footprint suits different packages
► Supports up to five sense resistors in parallel
► Supports up to six FETs in parallel
► LED indicated status outputs
► Wide input-voltage range of up to 20 V
► FET temperature measurement capability
► Supports cascade setup for multiple boards
► Toggle and push-button switch for easy input control
► PMBus communication supported




Similar Part No. - UG-2199

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2195 AD-UG-2195 Datasheet
2Mb / 26P
Evaluating the ADAQ7767-1 Flexible Resistive Input, Anti-Alias, 24-Bit, 1 MSPS, μModule DAQ Solution
Rev. 0
More results


Similar Description - UG-2199

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com