Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-2289 Datasheet (PDF) - Analog Devices

UG-2289 Datasheet PDF - Analog Devices
Part # UG-2289
Download  UG-2289 Download
File Size   2310.57 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the LT3074 3A, Ultralow Noise, High PSRR, 45mV Dropout Ultrafast Linear Regulator with PMBus

UG-2289 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2289 Datasheet PDF - Analog Devices

Part # UG-2289
Download  UG-2289 Click to download

File Size   2310.57 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluating the LT3074 3A, Ultralow Noise, High PSRR, 45mV Dropout Ultrafast Linear Regulator with PMBus

UG-2289 Datasheet (HTML) - Analog Devices


UG-2289 Product details

FEATURES
► Input voltage range: 0.6V to 5.5V
► BIAS voltage range: 2.375V to 5.5V
► Maximum output current: 3A
► I2C/PMBus communication
► Jumper selects bias mode of either external bias voltage or 3.3V
internal logic power from the PMBus interface
► Output voltage is precisely programmed to 1.20V by two 1%
resistors in series
► BNC connectors for noise and PSRR measurement
► Component placeholder can connect the PGFB pin directly to
BIASAF to keep PG high
► Operates standalone without PMBus programming
► Jumper turns regulator on or off
► Jumper enables or disables the internal clocks of LT3074 for
noise performance verification
► Jumper and resistor combinations select the serial bus interface
address
► Stacking connectors allow PMBus communication to multiple
EVAL-LT3074-AZ
► 6-pin 0.1 inch pitch connector implements Pmod Type 6 I2C
► LED indication of POWER ON, POWER GOOD and PMBus
ALERT
► Terminals provide output current and output regulation status
monitoring
► The VIOC pin of the LT3074 manages power dissipation and
PSRR
► Banana jacks minimize VIN and VOUT connection voltage drops
► VO+, VO−, and VI+ terminals for regulation and dropout monitoring
► Component footprint for an SMA connector that allows a shielded
VIN power connection
► 22-lead (3mm x 4mm) LQFN package




Similar Part No. - UG-2289

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2201 AD-UG-2201 Datasheet
1Mb / 19P
Evaluating the ADF41510 10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. 0
UG-2214 AD-UG-2214 Datasheet
3Mb / 22P
Evaluating the AD4080 20-Bit, 40 MSPS, Differential SAR ADC
Rev. A
UG-2217 AD-UG-2217 Datasheet
3Mb / 20P
Evaluating the AD3552R, 16-Bit, Dual-Channel, Current Output DAC
Rev. B
UG-2222 AD-UG-2222 Datasheet
2Mb / 19P
Evaluating the AD4052 Compact, Low Power, 16-Bit, 2 MSPS Easy Drive SAR ADC
Rev. 0
UG-2223 AD-UG-2223 Datasheet
1Mb / 8P
Evaluating the ADL5309 Dual, 188 dB Range, 10 pA to 25 mA, Logarithmic Converter
Rev. 0
More results


Similar Description - UG-2289

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
logo
Analog Devices
EVAL-ADP7156 AD-EVAL-ADP7156 Datasheet
210Kb / 8P
Evaluating the ADP7156 Ultralow Noise
Rev. 0
EVAL-ADP7158 AD-EVAL-ADP7158 Datasheet
217Kb / 8P
Evaluating the ADP7158 Ultralow Noise
Rev. 0
logo
Texas Instruments
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
LT3094 AD-LT3094 Datasheet
2Mb / 34P
Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
01/19-REV.A
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
LT3073 AD-LT3073 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LTM4709 AD-LTM4709 Datasheet
1Mb / 26P
Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com