Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA2214-CP Datasheet (PDF) - Qorvo, Inc

TGA2214-CP Datasheet PDF - Qorvo, Inc
Part # TGA2214-CP
Download  TGA2214-CP Download
File Size   602.94 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 18 GHz 4 W GaN Power Amplifier

TGA2214-CP Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2214-CP Datasheet PDF - Qorvo, Inc

Part # TGA2214-CP
Download  TGA2214-CP Click to download

File Size   602.94 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 18 GHz 4 W GaN Power Amplifier

TGA2214-CP Datasheet (HTML) - Qorvo, Inc


TGA2214-CP Product details

Applications
• Test Equipment
• Electronic Warfare
• Military and Commercial Radar
Product Features
• Frequency Range: 2 – 18 GHz
• POUT: > 36 dBm at PIN = 23 dBm
• PAE: > 15 % CW at PIN = 23 dBm
• Small Signal Gain: > 22 dB
• IM3: < −17 dBc at 30 dBm POUT / Tone
• Bias: VD = +22 V, IDQ = 600 mA, VG = −2.3 V Typical
• Package Dimensions: 15.2 x 15.2 x 3.5 mm
• Package base is pure Cu offering superior thermal
management




Similar Part No. - TGA2214-CP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214 Datasheet
471Kb / 13P
2 to 18 GHz 5W GaN Power Amplifier
logo
Qorvo, Inc
TGA2214 QORVO-TGA2214 Datasheet
737Kb / 13P
2 – 18 GHz 5 W Power Amplifier
August 2021
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
2 to 18 GHz 5W GaN Power Amplifier
More results


Similar Description - TGA2214-CP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0080-DIE MACOM-MAAPGM0080-DIE Datasheet
331Kb / 7P
Amplifier, Power, 1 W 2-18 GHz
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
2 to 18 GHz 5W GaN Power Amplifier
logo
Qorvo, Inc
QPA1022D QORVO-QPA1022D Datasheet
712Kb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
QPA1022 QORVO-QPA1022 Datasheet
1Mb / 17P
8.5 ??11 GHz 4 W GaN Power Amplifier
TGA2578-CP QORVO-TGA2578-CP Datasheet
519Kb / 13P
2 ??6 GHz 30 W GaN Power Amplifier
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
2-6 GHz 30 W GaN Power Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
6 ??18 GHz 20 W GaN Power Amplifier
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
2.7 to 3.5 GHz, 18 W GaN Power Amplifier
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
2 – 18 GHz GaN Driver Amplifier
April 2022
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com