Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA2214 Datasheet (PDF) - Qorvo, Inc

TGA2214 Datasheet PDF - Qorvo, Inc
Part # TGA2214
Download  TGA2214 Download
File Size   737.04 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 18 GHz 5 W Power Amplifier

TGA2214 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2214 Datasheet PDF - Qorvo, Inc

Part # TGA2214
Download  TGA2214 Click to download

File Size   737.04 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 18 GHz 5 W Power Amplifier

TGA2214 Datasheet (HTML) - Qorvo, Inc


TGA2214 Product details

Key Features
• Frequency Range: 2 – 18 GHz
• POUT: 37 dBm @ PIN = 23 dBm
• PAE: 20 % @ PIN = 23 dBm
• Large Signal Gain (PIN = 23 dBm): 14 dB
• Small Signal Gain: 22 dB
• Return Loss: 7 dB
• Bias: VD = +22 V, IDQ = 450 mA, VG = −2.3 V Typical
• Chip Dimensions: 2.87 x 4.87 x 0.10 mm
• Performance under CW operation
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
Applications
• Test Equipment
• Electronic Warfare
• Military Radar




Similar Part No. - TGA2214

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214 Datasheet
471Kb / 13P
2 to 18 GHz 5W GaN Power Amplifier
logo
Qorvo, Inc
TGA2214-CP QORVO-TGA2214-CP Datasheet
602Kb / 13P
2 – 18 GHz 4 W GaN Power Amplifier
August 2023
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
2 to 18 GHz 5W GaN Power Amplifier
More results


Similar Description - TGA2214

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN7188K VISHAY-AN7188K Datasheet
20Kb / 1P
2 Power Amplifier 18 W
logo
Teledyne Technologies I...
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
Amplifier 2 GHz - 18 GHz
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
Amplifier 2 GHz - 18 GHz
logo
Tyco Electronics
MAAP-000080-DIE000 MACOM-MAAP-000080-DIE000 Datasheet
330Kb / 7P
Amplifier, Power, 1 W 2-18 GHz
MAAPGM0080-DIE MACOM-MAAPGM0080-DIE Datasheet
331Kb / 7P
Amplifier, Power, 1 W 2-18 GHz
logo
United Monolithic Semic...
CHA6518 UMS-CHA6518 Datasheet
327Kb / 8P
5 - 18 GHz High Power Amplifier
CHA6518 UMS-CHA6518_09 Datasheet
252Kb / 8P
5 - 18 GHz High Power Amplifier
logo
Analog Devices
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com