Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1704 Datasheet (PDF) - Texas Instruments

DF1704 Datasheet PDF - Texas Instruments
Part # DF1704
Download  DF1704 Download
File Size   364.19 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter

DF1704 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF1704 Datasheet PDF - Texas Instruments

Part # DF1704
Download  DF1704 Click to download

File Size   364.19 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter

DF1704 Datasheet (HTML) - Texas Instruments


DF1704 Product details

FEATURES
COMPANION DIGITAL FILTER FOR THE PCM1704
24-BIT AUDIO DAC
HIGH PERFORMANCE FILTER:
Stopband Attenuation: –115dB
Passband Ripple: ±0.00005dB
AUDIO INTERFACE:
Input Data Formats: Standard, Left-
Justified, and I2S
Input Word Length: 16, 20, or 24 Bits
Output Word Length: 16, 18, 20, or 24 Bits
Sampling Frequency: 32kHz to 96kHz
PROGRAMMABLE FUNCTIONS:
Hardware or Software Control Modes
Sharp or Slow Roll-Off Filter Response
Soft Mute
Digital De-Emphasis
Independent Left/Right Digital Attenuation
SYSTEM CLOCK: 256fS, 384fS, 512fS, 768fS
ON-CHIP CRYSTAL OSCILLATOR
+5V SINGLE-SUPPLY OPERATION
SMALL SSOP-28 PACKAGE


DESCRIPTION
The DF1704 is a high-performance, stereo, 8X oversampling
digital interpolation filter designed for high-end consumer
and professional audio applications. The DF1704 supports
24-bit, 96kHz operation and features user-programmable
functions, including selectable filter response, de-emphasis,
attenuation, and input/output data formats.
The DF1704 is the ideal companion for Texas Instruments’
PCM1704 24-bit audio digital-to-analog converter. This
combination allows for construction of very high-performance
audio systems and components.




Similar Part No. - DF1704

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DF1704 BURR-BROWN-DF1704 Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
DF1704E BURR-BROWN-DF1704E Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DF1704E TI1-DF1704E Datasheet
450Kb / 20P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
DF1704E/2K TI1-DF1704E/2K Datasheet
450Kb / 20P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
logo
Burr-Brown (TI)
DF1704E/2K BURR-BROWN-DF1704E/2K Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DF1704

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8720 WOLFSON-WM8720 Datasheet
116Kb / 15P
24-bit, 96kHz Stereo DACwith Volume Control
logo
Burr-Brown (TI)
DF1704 BURR-BROWN-DF1704 Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DF1706 TI-DF1706 Datasheet
291Kb / 16P
Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
logo
Wolfson Microelectronic...
WM8714 WOLFSON-WM8714 Datasheet
157Kb / 17P
24-bit, 96kHz Stereo DAC
logo
YAMAHA CORPORATION
YSF210B YAMAHA-YSF210B Datasheet
405Kb / 10P
22-bit Oversampling Digital Filter
logo
Asahi Kasei Microsystem...
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
logo
Texas Instruments
PCM1704 TI-PCM1704 Datasheet
558Kb / 13P
SAMPLING FREQUENCY (fS): 16kHz to 96kHz, 8X OVERSAMPLING AT 96kHz
DF1704E TI1-DF1704E Datasheet
450Kb / 20P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
DF1706 TI1-DF1706_14 Datasheet
468Kb / 21P
Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
logo
Linear Technology
LTC2500-32 LINER-LTC2500-32 Datasheet
771Kb / 10P
32-Bit/24-Bit Oversampling ADCs with Configurable Digital Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com