Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR9001 Datasheet (PDF) - Texas Instruments

DIR9001 Datasheet PDF - Texas Instruments
Part # DIR9001
Download  DIR9001 Download
File Size   520.4 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver

DIR9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIR9001 Datasheet PDF - Texas Instruments

Part # DIR9001
Download  DIR9001 Click to download

File Size   520.4 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver

DIR9001 Datasheet (HTML) - Texas Instruments


DIR9001 Product details

1 Features
1• One-Chip Digital Audio Interface Receiver (DIR)
Including Low-Jitter Clock-Recovery System
• Compliant With Digital Audio Interface Standards: CPRIEC60958
(former IEC958), JEITA CPR-1205
(former EIAJ CP-1201, CP-340), AES3, EBU
tech3250
• Clock Recovery and Data Decode From Biphase
Input Signal, Generally Called S/PDIF, EIAJ CP-
1201, IEC60958, AES/EBU
• Biphase Input Signal Sampling Frequency (fS)
Range: 28 kHz to 108 kHz
• Low-Jitter Recovered System Clock: 50 ps
• Jitter Tolerance Compliant With IEC60958-3
• Selectable Recovered System Clock: 128 fS,
256 fS, 384 fS, 512 fS
• Serial Audio Data Output Formats: 24-Bit I2S;
MSB-First, 24-Bit Left-Justified; MSB-First 16-, 24-
Bit Right-Justified
• User Data, Channel-Status Data Outputs
Synchronized With Decoded Serial Audio Data
• No External Clock Required for Decode
• Includes Actual Sampling Frequency Calculator
(Needs External 24.576-MHz Clock)
• Function Control: Parallel (Hardware)
• Functions Similar and Pin Assignments Equivalent
to Those of DIR1703
• Single Power Supply: 3.3 V (2.7 V to 3.6 V)
• Wide Operating Temperature Range: –40°C to
85°C
• 5 V-Tolerant Digital Inputs
• Package: 28-pin TSSOP, Pin Pitch: 0,65 mm

2 Applications
• AV/DVD Receiver, AV Amplifier
• Car or Mobile Audio System
• Digital Television
• Musical Instruments
• Recording Systems
• High-End Audio/Sound Card for PC
• Replacement of DIR1703
• Other Applications Requiring S/PDIF Receiver

3 Description
The DIR9001 is a digital audio interface receiver that
can receive a 28-kHz to 108-kHz samplingfrequency,
24-bit-data-word, biphase-encoded signal.
The DIR9001 complies with IEC60958-3, JEITA CPRIEC60958
1205 (Revised version of EIAJ CP-1201), AES3,
EBUtech3250, and it can be used in various
applications that require a digital audio interface.
The DIR9001 supports many output system clock and
output data formats and can be used flexibly in many
application systems. As the all functions which the
DIR9001 provides can be controlled directly through
control pins, it can be used easily in an application
system that does not have a microcontroller. Also, as dedicated pins are provided for the channel-status bit
and user-data bit, processing of their information can
be easily accomplished by connecting with a
microcontroller, DSP, or others.
The DIR9001 does not require an external clock
source or resonator for decode operation if the
internal actual-sampling-frequency calculator is not
used. Therefore, it is possible to reduce the cost of a
system.
The operating temperature range of the DIR9001 is
specified as –40°C to 85°C, which makes it suitable for automotive applications.




Similar Part No. - DIR9001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001 TI2-DIR9001 Datasheet
498Kb / 34P
96-kHz, 24-Bit Digital Audio Interface Receiver
REVISED FEBRUARY 2008
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001-Q1 TI2-DIR9001-Q1 Datasheet
498Kb / 34P
96-kHz, 24-Bit Digital Audio Interface Receiver
REVISED FEBRUARY 2008
More results


Similar Description - DIR9001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com