Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR9001 Datasheet (PDF) - Texas Instruments

DIR9001 Datasheet PDF - Texas Instruments
Part # DIR9001
Download  DIR9001 Download
File Size   498.17 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 96-kHz, 24-Bit Digital Audio Interface Receiver

DIR9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIR9001 Datasheet PDF - Texas Instruments

Part # DIR9001
Download  DIR9001 Click to download

File Size   498.17 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 96-kHz, 24-Bit Digital Audio Interface Receiver

DIR9001 Datasheet (HTML) - Texas Instruments


DIR9001 Product details

1FEATURES
23· One-Chip Digital Audio Interface Receiver
(DIR) Including Low-Jitter Clock-Recovery
System
· Compliant With Digital Audio Interface
Standards: IEC60958 (former IEC958), JEITA
CPR-1205 (former EIAJ CP-1201, CP-340),
AES3, EBU tech3250
· Clock Recovery and Data Decode From
Biphase Input Signal, Generally Called S/PDIF,
EIAJ CP-1201, IEC60958, AES/EBU
· Biphase Input Signal Sampling Frequency (fS)
Range: 28 kHz to 108 kHz
· Low-Jitter Recovered System Clock: 50 ps
· Jitter Tolerance Compliant With IEC60958-3
· Selectable Recovered System Clock: 128 fS,
256 fS, 384 fS, 512 fS
· Serial Audio Data Output Formats: 24-Bit I2S;
MSB-First, 24-Bit Left-Justified; MSB-First 16-,
24-Bit Right-Justified
· User Data, Channel-Status Data Outputs
Synchronized With Decoded Serial Audio Data
· No External Clock Required for Decode
· Includes Actual Sampling Frequency
Calculator (Needs External 24.576-MHz Clock)
· Function Control: Parallel (Hardware)
· Functions Similar and Pin Assignments
Equivalent to Those of DIR1703
· Single Power Supply: 3.3 V (2.7 V to 3.6 V)
· Wide Operating Temperature Range: –40°C to
85°C
· 5 V-Tolerant Digital Inputs
· Package: 28-pin TSSOP, Pin Pitch: 0,65 mm

APPLICATIONS
· Car Audio Head Units
· Car Audio External Amplifiers

DESCRIPTION
The DIR9001-Q1 is a digital audio interface receiver
that can receive a 28-kHz to 108-kHz sampling-
frequency, 24-bit-data-word, biphase-encoded signal.
The DIR9001-Q1 complies with IEC60958-3, JEITA
CPR-1205 (Revised version of EIAJ CP-1201), AES3,
EBUtech3250, and it can be used in various applications that require a digital audio interface.
The DIR9001-Q1 supports many output system clock
and output data formats and can be used flexibly in many application systems. As the all functions which
the DIR9001-Q1 provides can be controlled directly
through control pins, it can be used easily in an
application system that does not have a
microcontroller. Also, as dedicated pins are provided for the channel-status bit and user-data bit,
processing of their information can be easily
accomplished by connecting with a microcontroller,
DSP, etc.
The DIR9001-Q1 does not require an external clock
source or resonator for decode operation if the
internal actual-sampling-frequency calculator is not
used. Therefore, it is possible to reduce the cost of a
system.
The operating temperature range of the DIR9001-Q1
is specified as –40°C to 85°C, which makes it suitable for automotive applications.




Similar Part No. - DIR9001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001 TI2-DIR9001 Datasheet
520Kb / 38P
DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
REVISED MAY 2015
logo
Burr-Brown (TI)
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Texas Instruments
DIR9001-Q1 TI2-DIR9001-Q1 Datasheet
520Kb / 38P
DIR9001 96-kHz, 24-Bit Digital Audio Interface Receiver
REVISED MAY 2015
More results


Similar Description - DIR9001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8413 ETC-CS8413 Datasheet
646Kb / 38P
96 KHZ DIGITAL AUDIO RECEIVER
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com