Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS08MB200 Datasheet (PDF) - Texas Instruments

DS08MB200 Datasheet PDF - Texas Instruments
Part # DS08MB200
Download  DS08MB200 Download
File Size   528.32 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer

DS08MB200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS08MB200 Datasheet PDF - Texas Instruments

Part # DS08MB200
Download  DS08MB200 Click to download

File Size   528.32 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer

DS08MB200 Datasheet (HTML) - Texas Instruments


DS08MB200 Product details

1FEATURES
2• Up to 800 Mbps Data Rate per Channel
• LVDS/BLVDS/CML/LVPECL Compatible Inputs,
LVDS Compatible Outputs
• Low Output Skew and Jitter
• On-Chip 100Ω Input Termination
• 15 kV ESD Protection on LVDS Inputs/Outputs
• Hot Plug Protection
• Single 3.3V Supply
• Industrial -40 to +85°C Temperature Range
• 48-pin WQFN Package

DESCRIPTION
The DS08MB200 is a dual-port 1 to 2 repeater/buffer
and 2 to 1 multiplexer. High-speed data paths and
flow-through pinout minimize internal device jitter and
simplify board layout. The differential inputs and
outputs interface to LVDS or Bus LVDS signals such
as those on TI's 10-, 16-, and 18- bit Bus LVDS
SerDes, or to CML or LVPECL signals.
The 3.3V supply, CMOS process, and robust I/O
ensure high performance at low power over the entire
industrial -40 to +85°C temperature range.




Similar Part No. - DS08MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200 Datasheet
280Kb / 10P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
logo
Texas Instruments
DS08MB200 TI1-DS08MB200 Datasheet
866Kb / 14P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
logo
National Semiconductor ...
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
280Kb / 10P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
More results


Similar Description - DS08MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS08MB200 NSC-DS08MB200_07 Datasheet
280Kb / 10P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS08MB200 TI1-DS08MB200_13 Datasheet
866Kb / 14P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com