Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS08MB200 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
DS08MB200 Datasheet PDF - National Semiconductor (TI)
Part # DS08MB200
Download  DS08MB200 Download
File Size   280.3 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer

DS08MB200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS08MB200 Datasheet PDF - National Semiconductor (TI)

Part # DS08MB200
Download  DS08MB200 Click to download

File Size   280.3 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer

DS08MB200 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - DS08MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
logo
Texas Instruments
DS08MB200 TI1-DS08MB200 Datasheet
866Kb / 14P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS08MB200 TI2-DS08MB200 Datasheet
528Kb / 16P
DS08MB200 Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
REVISED MARCH 2013
logo
National Semiconductor ...
DS08MB200TSQ NSC-DS08MB200TSQ Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
logo
Texas Instruments
DS08MB200TSQ/NOPB TI1-DS08MB200TSQ/NOPB Datasheet
866Kb / 14P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
More results


Similar Description - DS08MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS08MB200 NSC-DS08MB200 Datasheet
585Kb / 8P
Dual 800 Mbps 1:2/2:1 LVDS Mux/Buffer
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
DS08MB200 TI1-DS08MB200_13 Datasheet
866Kb / 14P
Dual 800 Mbps 2:1/1:2 LVDS Mux/Buffer
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com