Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPFC Datasheet (PDF) - Bel Fuse Inc.

SPFC Datasheet PDF - Bel Fuse Inc.
Part # SPFC
Download  SPFC Download
File Size   4235.91 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description High Frequency PFC Chokes

SPFC Datasheet (PDF)

Go To PDF Page Download Datasheet
SPFC Datasheet PDF - Bel Fuse Inc.

Part # SPFC
Download  SPFC Click to download

File Size   4235.91 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description High Frequency PFC Chokes

SPFC Datasheet (HTML) - Bel Fuse Inc.


SPFC Product details

Features
• Horizontal & Vertical PCB THT mounting platforms:
EE, EER, EFD, PQ, RM
• Smallest available footprint
• Height as low as 13 mm
• Suitable for mains voltages
• Excellent EMC performance

Applications
• LED Drivers
• SMPS 25 W - 250 W
• Active PFC Circuits




Similar Part No. - SPFC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SPFC301 MACOM-SPFC301 Datasheet
100Kb / 1P
Power Factor Correction Coils (Three Phase)
SPFC302 MACOM-SPFC302 Datasheet
100Kb / 1P
Power Factor Correction Coils (Three Phase)
SPFC303 MACOM-SPFC303 Datasheet
100Kb / 1P
Power Factor Correction Coils (Three Phase)
SPFC304 MACOM-SPFC304 Datasheet
100Kb / 1P
Power Factor Correction Coils (Three Phase)
More results


Similar Description - SPFC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
Rhombus Industries Inc.
L-45001 RHOMBUS-IND-L-45001 Datasheet
50Kb / 2P
HIGH FREQUENCY COMMON MODE CHOKES
logo
Bourns Electronic Solut...
5509 BOURNS-5509 Datasheet
469Kb / 1P
High Current Chokes
5615 BOURNS-5615 Datasheet
428Kb / 1P
High Current Chokes
5521 BOURNS-5521 Datasheet
469Kb / 1P
High Current Chokes
5628 BOURNS-5628 Datasheet
428Kb / 1P
High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
High Current Chokes
logo
EPCOS
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
For high frequency and EMC RF chokes, LBC series, axial
logo
Frontier Electronics.
TRQ FRONTIER-TRQ Datasheet
146Kb / 1P
TRQ SERIES - PFC CHOKES
TVP3814H FRONTIER-TVP3814H Datasheet
133Kb / 1P
TVP & TRP SERIES - PFC CHOKES
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com