Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPFC Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SPFC
Description  High Frequency PFC Chokes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SPFC Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SPFC Datasheet HTML 1Page - Bel Fuse Inc. SPFC Datasheet HTML 2Page - Bel Fuse Inc. SPFC Datasheet HTML 3Page - Bel Fuse Inc. SPFC Datasheet HTML 4Page - Bel Fuse Inc. SPFC Datasheet HTML 5Page - Bel Fuse Inc. SPFC Datasheet HTML 6Page - Bel Fuse Inc. SPFC Datasheet HTML 7Page - Bel Fuse Inc. SPFC Datasheet HTML 8Page - Bel Fuse Inc. SPFC Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
belfuse.com/signal
SPFC Series
High Frequency PFC Chokes
Signal’s SPFC high frequency chokes are designed for active power factor
correction in switch mode power supplies of universal mains voltages.
These through hole printed circuit board parts are available in multiple
geometric configurations with horizontal and vertical mounting platforms.
SPFC units exhibit excellent EMC performance offered in packages having
the smallest available footprint and height, ideal for high density boards.
RoHS
Compliant
• Horizontal & Vertical PCB THT mounting platforms:
EE, EER, EFD, PQ, RM
• Smallest available footprint
• Height as low as 13 mm
• Suitable for mains voltages
• Excellent EMC performance
• Operating temperature: -40°C to +125°C
• Storage temperature range (in tray): -20°C to +40°C, max 75% RH
• Ambient temperature range (I-rated): -40°C to +85°C
• Dielectric strength: 1.5 kV AC
• LED Drivers
• SMPS 25 W - 250 W
• Active PFC Circuits
Applications
Specifications
General Features
Markets
• Lighting
• Consumer
• Industrial
• Telecom
• Security


Similar Part No. - SPFC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SPFC301 MACOM-SPFC301 Datasheet
100Kb / 1P
Power Factor Correction Coils (Three Phase)
SPFC302 MACOM-SPFC302 Datasheet
100Kb / 1P
Power Factor Correction Coils (Three Phase)
SPFC303 MACOM-SPFC303 Datasheet
100Kb / 1P
Power Factor Correction Coils (Three Phase)
SPFC304 MACOM-SPFC304 Datasheet
100Kb / 1P
Power Factor Correction Coils (Three Phase)
More results

Similar Description - SPFC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
Rhombus Industries Inc.
L-45001 RHOMBUS-IND-L-45001 Datasheet
50Kb / 2P
HIGH FREQUENCY COMMON MODE CHOKES
logo
Bourns Electronic Solut...
5509 BOURNS-5509 Datasheet
469Kb / 1P
High Current Chokes
5615 BOURNS-5615 Datasheet
428Kb / 1P
High Current Chokes
5521 BOURNS-5521 Datasheet
469Kb / 1P
High Current Chokes
5628 BOURNS-5628 Datasheet
428Kb / 1P
High Current Chokes
5900-3R9-RC BOURNS-5900-3R9-RC Datasheet
428Kb / 1P
High Current Chokes
logo
EPCOS
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
For high frequency and EMC RF chokes, LBC series, axial
logo
Frontier Electronics.
TRQ FRONTIER-TRQ Datasheet
146Kb / 1P
TRQ SERIES - PFC CHOKES
TVP3814H FRONTIER-TVP3814H Datasheet
133Kb / 1P
TVP & TRP SERIES - PFC CHOKES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com