Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPFC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SPFC
Description  High Frequency PFC Chokes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SPFC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SPFC Datasheet HTML 1Page - Bel Fuse Inc. SPFC Datasheet HTML 2Page - Bel Fuse Inc. SPFC Datasheet HTML 3Page - Bel Fuse Inc. SPFC Datasheet HTML 4Page - Bel Fuse Inc. SPFC Datasheet HTML 5Page - Bel Fuse Inc. SPFC Datasheet HTML 6Page - Bel Fuse Inc. SPFC Datasheet HTML 7Page - Bel Fuse Inc. SPFC Datasheet HTML 8Page - Bel Fuse Inc. SPFC Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2024 Signal Transformer
Specifications subject to change without notice
SPFC Series Mar 14 2024
SPFC Series Datasheet
RoHS
Compliant
PRODUCT IDENTIFICATION
MECHANICAL SPECIFICATIONS
Dimensions are in mm.
SPFC-EE20
22.0 max.
5
1
10
6
15.24
Ø 0.8 ± 0.1
MARKING
SPFC-EER28
5
1
10
6
33.0 max.
Ø 0.6 ± 0.1
5
1
10
6
22.0
* MARKING: e.g: SPFC-EFT25-50
DATE CODE
SPFC = High Frequency Power Factor Correction Chokes
SPFC - EFD3 0 - 150
Type / Product Series
150 = 150 W
Output Power
EE20
EER28
EFD25/30
RM10/12/14
PQ38
Mounting Platforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com