Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679 Datasheet (PDF) - Monolithic Power Systems

NB679 Datasheet PDF - Monolithic Power Systems
Part # NB679
Download  NB679 Download
File Size   1034.1 Kbytes
Page   18 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO

NB679 Datasheet (PDF)

Go To PDF Page Download Datasheet
NB679 Datasheet PDF - Monolithic Power Systems

Part # NB679
Download  NB679 Click to download

File Size   1034.1 Kbytes
Page   18 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO

NB679 Datasheet (HTML) - Monolithic Power Systems


NB679 Product details

DESCRIPTION
The NB679 is a fully integrated, high-frequency, synchronous, rectified, step-down switch-mode converter with a fixed 5 V output. It offers a very compact solution to achieve 8 A continuous output current and 10 A peak output current over a wide input supply range with excellent load and line regulation.
The NB679 operates at high efficiency over a wide output current load range based on MPS proprietary switching loss reduction technology and internal low Ron power MOSFETs.
Adaptive constant-on-time (COT) control mode provides fast transient response and eases loop stabilization. The DC auto-tune loop provides good load and line regulation.
NB679 provides a fixed 5 V LDO, which can be used to power the external peripheries.
Full protection features include OC limit, OVP, UVP, and thermal shutdown.
The converter requires a minimum number of external components and is available in QFN 2mm x 3mm package.

FEATURES
 Wide 5.5 V to 28 V Operating Input Range
 Fixed 5 V Vout
 Supports 5.5 V-5 V
 Ultrasonic Mode with Fs over 25 kHz
 100 μA Low Quiescent Current
 8 A Continous Output Current
 10 A Peak Output Current
 Adaptive COT for Fast Transient
 DC Auto-Tune Loop for Load Regulation
 Stable with POSCAP and Ceramic Output Capacitors
 Built-In 5 V, 100 mA LDO with Switch Over
 1% Reference Voltage
 Internal Soft Start
 Output Discharge
 700 kHZ Switching Frequency
 OCP, OVP, UVP, and Thermal Shutdown.
 Latch-Off Reset via EN or Power Cycle
 QFN-12 (2mm x 3mm) Package

APPLICATIONS
 Laptop Computers
 Tablet PCs
 Networking Systems
 Personal Video Recorders
 Flat Panel Television and Monitors
 Distributed Power Systems




Similar Part No. - NB679

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB679A MPS-NB679A Datasheet
1Mb / 19P
28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
Rev. 1.03 7/27/2017
NB679AGD MPS-NB679AGD Datasheet
1Mb / 19P
28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
Rev. 1.03 7/27/2017
NB679AGD-P MPS-NB679AGD-P Datasheet
1Mb / 19P
28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
Rev. 1.03 7/27/2017
NB679GD MPS-NB679GD Datasheet
1Mb / 19P
28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
Rev. 1.03 7/27/2017
More results


Similar Description - NB679

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB669 MPS-NB669 Datasheet
827Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
NB670 MPS-NB670 Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
MP8719 MPS-MP8719 Datasheet
1Mb / 22P
26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
MP8759 MPS-MP8759 Datasheet
706Kb / 22P
26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
EVNB679 MPS-EVNB679 Datasheet
249Kb / 5P
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com