Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet (PDF) - Monolithic Power Systems

NB679GD Datasheet PDF - Monolithic Power Systems
Part # NB679GD
Download  NB679GD Download
File Size   1111.96 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling

NB679GD Datasheet (PDF)

Go To PDF Page Download Datasheet
NB679GD Datasheet PDF - Monolithic Power Systems

Part # NB679GD
Download  NB679GD Click to download

File Size   1111.96 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling

NB679GD Datasheet (HTML) - Monolithic Power Systems


NB679GD Product details

DESCRIPTION
The NB679A is a fully integrated, highfrequency, synchronous, rectified, step-down,
switch-mode converter with a fixed 5.1V output
and low-power mode voltage scaling. It offers a
very compact solution to achieve an 8A
continuous output current and a 10A peak
output current over a wide input supply range
with excellent load and line regulation.
The NB679A operates at high efficiency over a
wide output current load range based on MPS
proprietary switching loss reduction technology
and internal low Ron power MOSFETs.
Adaptive constant-on-time (COT) control mode
provides fast transient response and eases loop
stabilization. The DC auto-tune loop provides
good load and line regulation.
The NB679A provides a fixed 5V LDO, which
can be used to power the external peripheries.
Full protection features include OC limit, OVP,
UVP, and thermal shutdown.
The converter requires a minimum number of
external components and is available in a
QFN-12 2mm x 3mm package.

FEATURES
 Wide 5.5V to 28V Operating Input Range
 Fixed 5.1V Vout (+2% of 5V Vout)
 LP# Output Voltage Scaling (-3% of 5V Vout)
 Supports Large Duty Operation
 Ultrasonic Mode
 100μA Low Quiescent Current
 8A Continuous Output Current and 10A
Peak Output Current
 Adaptive COT for Fast Transient
 DC Auto-Tune Loop
 Stable with POSCAP and Ceramic Output
Capacitors
 Built-In 5V, 100mA LDO with Switch Over
 1% Reference Voltage
 Internal Soft Start
 Output Discharge
 700kHZ Switching Frequency
 OCP, OVP, UVP, and Thermal Shutdown
 Latch-Off Reset via EN or Power Cycle
 QFN-12 2mm x 3mm Package

APPLICATIONS
 Laptop Computers
 Tablet PCs
 Networking Systems
 Flat Panel Televisions and Monitors
 Distributed Power Systems




Similar Part No. - NB679GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB679GD MPS-NB679GD Datasheet
1Mb / 18P
28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
7/27/2017 Rev. 1.03
NB679GD-P MPS-NB679GD-P Datasheet
1Mb / 18P
28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
7/27/2017 Rev. 1.03
NB679GD-Z MPS-NB679GD-Z Datasheet
1Mb / 18P
28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
7/27/2017 Rev. 1.03
More results


Similar Description - NB679GD

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5332A GMT-G5332A Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5723 GMT-G5723 Datasheet
44Kb / 1P
Synchronous Buck Converter with Low-Noise LDO Regulator
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
The Synchronous Buck Converter with 300mA LDO
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
3A 28V Synchronous Buck Converter
logo
Monolithic Power System...
MP8719 MPS-MP8719 Datasheet
1Mb / 22P
26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
logo
Linear Technology
LTC3892EFE-1 LINER-LTC3892EFE-1 Datasheet
746Kb / 14P
PolyPhase High VOUT Synchronous Buck Converter
logo
Monolithic Power System...
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
EVNB679 MPS-EVNB679 Datasheet
249Kb / 5P
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
logo
Anpec Electronics Corop...
APW8868B ANPEC-APW8868B Datasheet
335Kb / 26P
DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP
Rev. A.3 - Oct., 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com