Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  NB679GD Datasheet HTML 1Page - Monolithic Power Systems NB679GD Datasheet HTML 2Page - Monolithic Power Systems NB679GD Datasheet HTML 3Page - Monolithic Power Systems NB679GD Datasheet HTML 4Page - Monolithic Power Systems NB679GD Datasheet HTML 5Page - Monolithic Power Systems NB679GD Datasheet HTML 6Page - Monolithic Power Systems NB679GD Datasheet HTML 7Page - Monolithic Power Systems NB679GD Datasheet HTML 8Page - Monolithic Power Systems NB679GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
NB679A
28V, Low IQ, Fixed 5.1V, 8A,
Synchronous Buck Converter
with 100mA LDO and LP# VOUT Scaling
NB679A Rev. 1.03
www.MonolithicPower.com
1
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The
NB679A
is
a
fully
integrated,
high-
frequency, synchronous, rectified, step-down,
switch-mode converter with a fixed 5.1V output
and low-power mode voltage scaling. It offers a
very compact
solution to
achieve an 8A
continuous output current and a 10A peak
output current over a wide input supply range
with excellent load and line regulation.
The NB679A operates at high efficiency over a
wide output current load range based on MPS
proprietary switching loss reduction technology
and internal low Ron power MOSFETs.
Adaptive constant-on-time (COT) control mode
provides fast transient response and eases loop
stabilization. The DC auto-tune loop provides
good load and line regulation.
The NB679A provides a fixed 5V LDO, which
can be used to power the external peripheries.
Full protection features include OC limit, OVP,
UVP, and thermal shutdown.
The converter requires a minimum number of
external components and is available in a
QFN-12 2mm x 3mm package.
FEATURES
 Wide 5.5V to 28V Operating Input Range
 Fixed 5.1V Vout (+2% of 5V Vout)
 LP# Output Voltage Scaling (-3% of 5V Vout)
 Supports Large Duty Operation
 Ultrasonic Mode
 100μA Low Quiescent Current
 8A Continuous Output Current and 10A
Peak Output Current
 Adaptive COT for Fast Transient
 DC Auto-Tune Loop
 Stable with POSCAP and Ceramic Output
Capacitors
 Built-In 5V, 100mA LDO with Switch Over
 1% Reference Voltage
 Internal Soft Start
 Output Discharge
 700kHZ Switching Frequency
 OCP, OVP, UVP, and Thermal Shutdown
 Latch-Off Reset via EN or Power Cycle
 QFN-12 2mm x 3mm Package
APPLICATIONS
Laptop Computers
Tablet PCs
Networking Systems
Flat Panel Televisions and Monitors
Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
EN
VOUT
BST
LDO
VIN
PG
SW
GND
VIN
GND
LP#
NB679A
PGND
VOUT
5.1V/8A
VCC
22μF
220nF
1μF
100kΩ
1.5μH
88μF
4.7μF
AGND
3.3Ω
5.5V-24V
EN
5V/ 100mA
LP#


Similar Part No. - NB679GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB679GD MPS-NB679GD Datasheet
1Mb / 18P
28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
7/27/2017 Rev. 1.03
NB679GD-P MPS-NB679GD-P Datasheet
1Mb / 18P
28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
7/27/2017 Rev. 1.03
NB679GD-Z MPS-NB679GD-Z Datasheet
1Mb / 18P
28V, Low Iq, High Current, Fixed 5V-8A Synchronous Buck Converter with 100 mA LDO
7/27/2017 Rev. 1.03
More results

Similar Description - NB679GD

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5332A GMT-G5332A Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5723 GMT-G5723 Datasheet
44Kb / 1P
Synchronous Buck Converter with Low-Noise LDO Regulator
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
The Synchronous Buck Converter with 300mA LDO
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
3A 28V Synchronous Buck Converter
logo
Monolithic Power System...
MP8719 MPS-MP8719 Datasheet
1Mb / 22P
26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
logo
Linear Technology
LTC3892EFE-1 LINER-LTC3892EFE-1 Datasheet
746Kb / 14P
PolyPhase High VOUT Synchronous Buck Converter
logo
Monolithic Power System...
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
EVNB679 MPS-EVNB679 Datasheet
249Kb / 5P
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
logo
Anpec Electronics Corop...
APW8868B ANPEC-APW8868B Datasheet
335Kb / 26P
DDR2 AND DDR3/DDR3L SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO SUPPORT LOW IQ & DROOP
Rev. A.3 - Oct., 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com