Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 5 Page - Monolithic Power Systems

  NB679GD Datasheet HTML 1Page - Monolithic Power Systems NB679GD Datasheet HTML 2Page - Monolithic Power Systems NB679GD Datasheet HTML 3Page - Monolithic Power Systems NB679GD Datasheet HTML 4Page - Monolithic Power Systems NB679GD Datasheet HTML 5Page - Monolithic Power Systems NB679GD Datasheet HTML 6Page - Monolithic Power Systems NB679GD Datasheet HTML 7Page - Monolithic Power Systems NB679GD Datasheet HTML 8Page - Monolithic Power Systems NB679GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NB679A
–28V VIN, FIXED 5.1V-8A BUCK CONVERTER WITH LDO AND LP# VOUT SCALING
NB679A Rev. 1.03
www.MonolithicPower.com
5
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VIN under-voltage lockout threshold
hysteresis
VINHYS
450
mV
LP# Logic
LP# rising threshold
VLP#_H
1.2
1.3
1.4
V
LP# hysteresis
VLP#-HYS
150
mV
LDO Regulator
LDO regulator
VLDO
VEN = 3.3V, VOUT = 0V
4.85
4.97
5.12
V
LDO load regulation
VEN = 3.3V, VOUT = 0V ,
LDO load = 100mA
2
%
LDO I-LIMIT
(5)
ILDO_Limit
VEN = 3.3V, VOUT = 0V , VLDO
= 4.5V
135
mA
Switch Rdson
(5)
RSwitch
ILDO = 50mA
0.9
1.2
Ω
VCC Regulator
VCC regulator
VCC
3.5
3.6
3.7
V
VCC load regulation
Icc = 5mA
5
%
Power Good
PG when FB risng (good)
PG_Rising(GOOD) VFB rising, percentage of VFB
95
%
PG when FB falling (fault)
PG_Falling(Fault) VFB falling, percentage of VFB
85
PG when FB rising (fault)
PG_Rising(Fault) VFB rising, percentage of VFB
115
PG when FB falling (good)
PG_Falling(GOOD) VFB falling, percentage of VFB
105
Power good low to high delay
PGTd
750
μs
EN low to power good low delay
PGTd_EN low
5
μs
Power good sink current capability
VPG
Sink 4mA
0.4
V
Power good leakage current
IPG_LEAK
VPG = 3.3V
5
μA
Thermal Protection
Thermal shutdown
(5)
TSD
140
°C
Thermal shutdown hysteresis
(5)
TSD-HYS
25
°C
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com