Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  NB679GD Datasheet HTML 1Page - Monolithic Power Systems NB679GD Datasheet HTML 2Page - Monolithic Power Systems NB679GD Datasheet HTML 3Page - Monolithic Power Systems NB679GD Datasheet HTML 4Page - Monolithic Power Systems NB679GD Datasheet HTML 5Page - Monolithic Power Systems NB679GD Datasheet HTML 6Page - Monolithic Power Systems NB679GD Datasheet HTML 7Page - Monolithic Power Systems NB679GD Datasheet HTML 8Page - Monolithic Power Systems NB679GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NB679A
–28V VIN, FIXED 5.1V-8A BUCK CONVERTER WITH LDO AND LP# VOUT SCALING
NB679A Rev. 1.03
www.MonolithicPower.com
4
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = 25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply current (shutdown)
IIN
VEN = 0V, VLP# = 0V,
1
2
μA
Supply current (quiescent)
IIN
VEN = VLP# = 3.3V,
VOUT = 5.5V
110
130
µA
MOSFET
High-side switch on resistance
HSRDS-ON
25
mΩ
Low-side switch on resistance
LSRDS-ON
12
mΩ
Switch leakage
SWLKG
VEN = 0V, VSW = 0V
0
1
μA
Current Limit
Low-side valley current limit
ILIMIT
10
11
12
A
Switching Frequency and Timer
Switching frequency
FS
700
kHz
Constant on timer
Ton
Vin = 9.7V, VLP# = 0V
600
710
820
ns
Minimum on time
(5)
TON_Min
50
ns
Minimum off time
(5)
TOFF_Min
200
ns
Ultrasonic Mode
Ultrasonic mode operation period
TUSM
20
30
40
µs
Over-Voltage and Under-Voltage Protection
OVP threshold
VOVP
117%
122%
127%
VREF
UVP-1 threshold
VUVP-1
70%
75%
80%
VREF
UVP-1 foldback timer
(5)
TUVP-1
32
µs
UVP-2 threshold
VUVP-2
45%
50%
55%
VREF
Reference and Soft Start
Vout REF voltage
VOUT_REF
VLP# = 3.3V
5.05
5.1
5.15
V
VLP# = 0V
4.8
4.85
4.9
Soft-start time
TSS
EN to Vout OK
1.7
2.5
ms
Enable and UVLO
Enable rising threshold
VEN_H
1.2
1.3
1.4
V
Enable hysteresis
VEN-HYS
150
mV
EN high limit @ USM
VEN_H_USM
1.8
V
EN low limit @ Normal
VEN_L_Normal
2.6
V
Enable input current
IEN
VEN = 2V
5
μA
VEN = 0V
0
VIN under-voltage lockout
threshold rising
VINVTH
4.45
4.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com