Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB679GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # NB679GD
Description  28V, Low IQ, Fixed 5.1V, 8A, Synchronous Buck Converter with 100mA LDO and LP# VOUT Scaling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB679GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button NB679GD Datasheet HTML 10Page - Monolithic Power Systems NB679GD Datasheet HTML 11Page - Monolithic Power Systems NB679GD Datasheet HTML 12Page - Monolithic Power Systems NB679GD Datasheet HTML 13Page - Monolithic Power Systems NB679GD Datasheet HTML 14Page - Monolithic Power Systems NB679GD Datasheet HTML 15Page - Monolithic Power Systems NB679GD Datasheet HTML 16Page - Monolithic Power Systems NB679GD Datasheet HTML 17Page - Monolithic Power Systems NB679GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
NB679A
–28V VIN, FIXED 5.1V-8A BUCK CONVERTER WITH LDO AND LP# VOUT SCALING
NB679A Rev. 1.03
www.MonolithicPower.com
14
7/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
If the output is pre-biased to a certain voltage
during start-up, the IC disables the switching of
both the high-side and the low-side switches until
the voltage on the internal reference exceeds the
sensed output voltage at the internal FB node.
5V Linear Regulator
There is a built-in 100mA standby linear regulator
with a fixed output at 5V, controlled by EN. The
LDO is intended mainly for an auxiliary 5V supply
for the notebook system during standby mode.
Add a ceramic capacitor with a value between
4.7
μF and 22µF placed close to the LDO pins to
stabilize the LDOs.
LDO Switch Over
When the output voltage becomes higher than
4.8V, and the power good is OK, the internal
LDO is switched over to VOUT by the internal
MOSFET. This helps reduce the power loss from
the LDO.
Power Good (PG)
The NB679A has power-good (PG) output used
to indicate whether the output voltage of the buck
regulator is ready. PG is the open drain of a
MOSFET. It should be connected to VCC or
another voltage source through a resistor (e.g.
100k). After the input voltage is applied, the
MOSFET is turned on so that PG is pulled to
GND before SS is ready. After the FB voltage
reaches 95% of the REF voltage, PG is pulled
high after 750µs.
When the FB voltage drops to 85% of the REF
voltage, PG is pulled low.
Over-Current Protection (OCP)
NB679A has cycle-by-cycle over-current limiting
control.
The
current-limit
circuit
employs
a
"valley" current-sensing algorithm. The part uses
the Rds(on) of the LS-FET as a current-sensing
element. If the magnitude of the current-sense
signal is above the current-limit threshold, the
PWM is not allowed to initiate a new cycle.
The trip level is fixed internally. The inductor
current is monitored by the voltage between GND
and SW. GND is used as the positive current
sensing node, so GND should be connected to
the source terminal of the bottom MOSFET.
Since the comparison is done during the HS-FET
off and the LS-FET on state, the OC trip level
sets the valley level of the inductor current. Thus,
the load current at the over-current threshold (IOC)
can be calculated with Equation (2):
 inductor
OC
I
I
I _ limit
2
(2)
In an over-current condition, the current to the
load exceeds the current to the output capacitor;
thus
the
output
voltage
tends
to
fall
off.
Eventually, it ends up crossing the under-voltage
protection threshold and shuts down. Fault
latching can be re-set by EN going low or the
power-cycling of VIN.
Over/Under-Voltage Protection (OVP/UVP)
NB679A monitors the output voltage to detect
over and under voltage. Once the feedback
voltage becomes higher than 122% of the target
voltage, the OVP comparator output goes high,
and the circuit latches as the HS-FET driver turns
off, and the LS-FET driver turns on, acting as an
-2A current source.
When the feedback voltage drops below 75% of
the VREF but remains higher than 50% of the VREF,
the UVP-1 comparator output goes high. The part
latches if the FB voltage remains in this range for
about 32µs (latching the HS-FET off and the LS-
FET on). The LS-FET remains on until the
inductor current hits zero. During this period, the
valley current limit helps control the inductor
current.
When the feedback voltage drops below 50% of
the VREF, the UVP-2 comparator output goes high.
The part latches off directly after the comparator
and logic delay (latching the HS-FET off and the
LS-FET on). The LS-FET remains on until the
inductor current hits zero. Fault latching can be
re-set by EN going low or the power-cycling of
VIN.
UVLO Protection
The part starts up only when Vin is higher than
the UVLO rising threshold voltage. The part shuts
down when VIN is lower than the Vin falling
threshold. The UVLO protection is non-latch off.
Fault latching can be re-set by EN going low or
the power-cycling of VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com