Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVLAW2400MTREVAL Datasheet (PDF) - Infinite Electronics International, Inc.

AVLAW2400MTREVAL Datasheet PDF - Infinite Electronics International, Inc.
Part # AVLAW2400MTREVAL
Download  AVLAW2400MTREVAL Download
File Size   1407.71 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz Ethernet to RF Module

AVLAW2400MTREVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
AVLAW2400MTREVAL Datasheet PDF - Infinite Electronics International, Inc.

Part # AVLAW2400MTREVAL
Download  AVLAW2400MTREVAL Click to download

File Size   1407.71 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz Ethernet to RF Module

AVLAW2400MTREVAL Datasheet (HTML) - Infinite Electronics International, Inc.


AVLAW2400MTREVAL Product details

Features
• 29 non-overlapping channels providing unique flexibility to avoid or
penetrate interference
• Five times greater range than Wi-Fi, through walls or line-of-sight
• Up to 30 mile range to connect to difficult locations
• 128 bit AES encryption, FIPS 197 - NIST Certified
• Browser interface provides easy user-programming, remote diagnostics and link analysis including a graphical RF spectrum analyzer
• Can operate up to 29 access points, each on its own non-overlapping
channel with up to 16 clients per access point
• 4 Watts EIRP, Maximum legal radiated power for long range
penetration
• One Watt power consumption is ready for solar applications
• Tiny 66 by 70 mm size fits almost anywhere
• -40º to +80ºC for extreme temperature operation
• Evaluation kit available providing two modules and everything you
need for engineering evaluation and development




Similar Part No. - AVLAW2400MTREVAL

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVLAW2400MTR10 L-COM-AVLAW2400MTR10 Datasheet
1Mb / 2P
2.4 GHz Ethernet to RF Module
Version 10.04.2010
More results


Similar Description - AVLAW2400MTREVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
logo
Microchip Technology
MRF24WB0MA MICROCHIP-MRF24WB0MA Datasheet
530Kb / 34P
2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
2010
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
2.4 GHz ISM RF Application
logo
Wurth Elektronik GmbH &...
2606031121000 WURTH-2606031121000 Datasheet
451Kb / 6P
WIRL-PRO2 Radio module 2.4 GHz with RF pad
001.012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com