Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF820 Datasheet (PDF) - SYC Electronica

IRF820 Datasheet PDF - SYC Electronica
Part # IRF820
Download  IRF820 Download
File Size   309.19 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description MOSFET N 500V 2.5A 3,000 OHM

IRF820 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF820 Datasheet PDF - SYC Electronica

Part # IRF820
Download  IRF820 Click to download

File Size   309.19 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description MOSFET N 500V 2.5A 3,000 OHM

IRF820 Datasheet (HTML) - SYC Electronica


IRF820 Product details

FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Compliant to RoHS Directive 2002/95/EC

DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and
cost-effectiveness.
The TO-220AB package is universally preferred for
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220AB contribute to its
wide acceptance throughout the industry.




Similar Part No. - IRF820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF820 MOTOROLA-IRF820 Datasheet
140Kb / 2P
N-CHANNEL Enhancement-Mode Silicon Gate TMOS
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRF820 SAMSUNG-IRF820 Datasheet
322Kb / 6P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF820 FAIRCHILD-IRF820 Datasheet
157Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
Intersil Corporation
IRF820 INTERSIL-IRF820 Datasheet
54Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
July 1999
More results


Similar Description - IRF820

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF820 INTERSIL-IRF820 Datasheet
54Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
July 1999
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
FDD3N50NZ FAIRCHILD-FDD3N50NZ Datasheet
550Kb / 8P
N-Channel MOSFET 500V, 2.5A, 2.5?
logo
MagnaChip Semiconductor...
MDFS13N50G MGCHIP-MDFS13N50G Datasheet
1Mb / 6P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
MDP13N50 MGCHIP-MDP13N50 Datasheet
851Kb / 6P
N-Channel MOSFET 500V, 13.0A, 0.5(ohm)
MDQ16N50G MGCHIP-MDQ16N50G Datasheet
871Kb / 6P
N-Channel MOSFET 500V, 16.5A, 0.35(ohm)
MDQ23N50D MGCHIP-MDQ23N50D Datasheet
842Kb / 6P
N-Channel MOSFET 500V, 23.0A, 0.245(ohm)
MMD50R380P MGCHIP-MMD50R380P Datasheet
1Mb / 10P
500V 0.38(ohm) N-channel MOSFET
MMF50R280P MGCHIP-MMF50R280P Datasheet
1Mb / 10P
500V 0.28(ohm) N-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com