Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9530 Datasheet (PDF) - SYC Electronica

IRF9530 Datasheet PDF - SYC Electronica
Part # IRF9530
Download  IRF9530 Download
File Size   155.69 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs

IRF9530 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9530 Datasheet PDF - SYC Electronica

Part # IRF9530
Download  IRF9530 Click to download

File Size   155.69 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs

IRF9530 Datasheet (HTML) - SYC Electronica


IRF9530 Product details

Features
• 12A, 100V
• rDS(ON) = 0.300W
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”




Similar Part No. - IRF9530

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9530 SAMSUNG-IRF9530 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
IRF9530 SAMSUNG-IRF9530 Datasheet
378Kb / 6P
P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
logo
International Rectifier
IRF9530 IRF-IRF9530 Datasheet
449Kb / 6P
TRANSISTORS
logo
Vishay Siliconix
IRF9530 VISHAY-IRF9530 Datasheet
566Kb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRF9530

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS130D INTERSIL-FRS130D Datasheet
48Kb / 6P
12A, 100V, 0.195 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
-12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
February 1999
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
-6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
February 1999
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
logo
New Jersey Semi-Conduct...
RFP12N08 NJSEMI-RFP12N08 Datasheet
99Kb / 2P
12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFM12N08 NJSEMI-RFM12N08 Datasheet
99Kb / 2P
12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com