Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9640 Datasheet (PDF) - SYC Electronica

IRF9640 Datasheet PDF - SYC Electronica
Part # IRF9640
Download  IRF9640 Download
File Size   151.0 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs

IRF9640 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9640 Datasheet PDF - SYC Electronica

Part # IRF9640
Download  IRF9640 Click to download

File Size   151.0 Kbytes
Page   6 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs

IRF9640 Datasheet (HTML) - SYC Electronica


IRF9640 Product details

Features
• 11A, 200V
• r
DS(ON)
= 0.500
Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”




Similar Part No. - IRF9640

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9640 SAMSUNG-IRF9640 Datasheet
508Kb / 12P
P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
July 1999
logo
International Rectifier
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
logo
Vishay Siliconix
IRF9640 VISHAY-IRF9640 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
logo
New Jersey Semi-Conduct...
IRF9640 NJSEMI-IRF9640 Datasheet
158Kb / 4P
P-CHANNEL POWER MOSFETS
More results


Similar Description - IRF9640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75925P3 FAIRCHILD-HUF75925P3 Datasheet
196Kb / 10P
11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
FRL230D INTERSIL-FRL230D Datasheet
47Kb / 6P
5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9140D INTERSIL-FRS9140D Datasheet
48Kb / 6P
11A, -100V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF9240 INTERSIL-IRF9240 Datasheet
63Kb / 7P
-11A, -200V, 0.500 Ohm, P-Channel Power MOSFET
February 1999
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
July 1999
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
July 1999
IRFF9220 INTERSIL-IRFF9220 Datasheet
327Kb / 7P
-2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs
July 1998
IRFP9240 INTERSIL-IRFP9240 Datasheet
56Kb / 7P
12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
July 1999
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
July 1999
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com