Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8530TH Datasheet (PDF) - NXP Semiconductors

TDF8530TH Datasheet PDF - NXP Semiconductors
Part # TDF8530TH
Download  TDF8530TH Download
File Size   1053.75 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Award-winning 4-channel Class-D amplifier for seamless audio in hybrid cars

TDF8530TH Datasheet (PDF)

Go To PDF Page Download Datasheet
TDF8530TH Datasheet PDF - NXP Semiconductors

Part # TDF8530TH
Download  TDF8530TH Click to download

File Size   1053.75 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Award-winning 4-channel Class-D amplifier for seamless audio in hybrid cars

TDF8530TH Datasheet (HTML) - NXP Semiconductors


TDF8530TH Product details

KEY FEATURES
Outstanding sound performance confirmed by customer feedback
- Harmonics
- THD
- Plop
- Noise level
- Frequency range
Energy efficiency and start-stop support
- Ultra-efficient 4-channel Class-D amplifier
• Output power: 4 x 70 W
• Supply voltage: 6 to 24 V
- Uninterrupted sound experience in cars with start-stop systems
- Low operating voltage: down to 6 V
Protection and diagnostics for automotive robustness
- Thermal fold-back in hardware for optimal sound under maximum power conditions
- Protection against slamming a door or the trunk lid
- Full range of diagnostics increases quality, reduces yield loss, and lowers screening costs
AEC-Q100 ensuring automotive quality
Small HSOP44 package (SOT1131-1)

APPLICATIONS
Automotive head-unit radio
Automotive sound systems




Similar Part No. - TDF8530TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8541 NXP-TDF8541 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541J/N2 NXP-TDF8541J/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541JS/N2 NXP-TDF8541JS/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541JS/N3.512 NXP-TDF8541JS/N3.512 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541SD/N2 NXP-TDF8541SD/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
More results


Similar Description - TDF8530TH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8725 ETC-NJU8725 Datasheet
167Kb / 13P
CLASS D AMPLIFIER FOR DIGITAL AUDIO
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
Class D audio amplifier
Rev. 01-23 October 2008
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
Class-D audio amplifier
Rev. 01-15 May 2007
logo
STMicroelectronics
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
Following the market launch of the award winning
28-Jul-2009
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
120W x 4 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
Class-D audio amplifier
Rev.02-12 December 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com