Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8530TH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8530TH
Description  Award-winning 4-channel Class-D amplifier for seamless audio in hybrid cars
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8530TH Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8530TH Datasheet HTML 1Page - NXP Semiconductors TDF8530TH Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.nxp.com
© 2013 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: April 2013
Document order number: 9397 750 17410
Printed in the Netherlands
NXP’s highly integrated, high-performance Class-D amplifiers
for automotive applications bring concert-quality sound to in-
car entertainment systems.
The TDF8530, one of the latest additions to NXP’s portfolio,
is an ultra-efficient, quad-channel Class-D audio amplifier that
supports the 6 V requirement for start-stop vehicles. It enables
a rich, seamless audio experience in hybrid electric vehicles,
micro-hybrids, mild hybrids, and other energy-saving vehicles
that use start-stop systems.
The TDF8530 is optimized for use in the head-unit radio and
in sound-system platforms. It also supports new applications,
such as ambient sound systems, which generate engine sounds
in electric vehicles, and active noise-cancellation systems.
The TDF8530 is an ultra-efficient device, generating
70 W per channel at the maximum supply voltage of 24 V. It
delivers optimal sound under maximum power conditions,
offers outstanding EMC performance, and uses a thermal
fold-back, integrated in hardware, to protect the device from
overheating.
A full range of diagnostics and protections ensure full
robustness in the harsh automotive environment. Controlled
by the I2C bus, the diagnostics cover familiar functions such
as speaker protection, clip detection, and AC load tweeter
detection, and also include unique features for start-up
functions.
Block diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com