Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8530TH Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDF8530TH
Description  Award-winning 4-channel Class-D amplifier for seamless audio in hybrid cars
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8530TH Datasheet(HTML) 1 Page - NXP Semiconductors

  TDF8530TH Datasheet HTML 1Page - NXP Semiconductors TDF8530TH Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Winner of the CEM Yearly Choice Award for “Most Competitive Automotive Electronics
Product,” this ultra-efficient device supports 6 V stop-start applications and delivers
audiophile sound quality.
NXP quad-
channel Class-D
audio amplifier
TDF8530TH
Award-winning 4-channel Class-D amplifier
for seamless audio in hybrid cars
KEY FEATURES
` Outstanding sound performance confirmed by customer
feedback
- Harmonics
- THD
- Plop
- Noise level
- Frequency range
` Energy efficiency and start-stop support
- Ultra-efficient 4-channel Class-D amplifier
• Output power: 4 x 70 W
• Supply voltage: 6 to 24 V
- Uninterrupted sound experience in cars with start-stop
systems
- Low operating voltage: down to 6 V
` Protection and diagnostics for automotive robustness
- Thermal fold-back in hardware for optimal sound under
maximum power conditions
- Protection against slamming a door or the trunk lid
- Full range of diagnostics increases quality, reduces yield
loss, and lowers screening costs
` AEC-Q100 ensuring automotive quality
` Small HSOP44 package (SOT1131-1)
ADVANCED CLOCKING FOR EMC ROBUSTNESS:
` Switchable oscillator clock source: internal for
Master mode or external for Slave mode
` Spread spectrum mode
` Phase staggering
` Frequency hopping
APPLICATIONS
` Automotive head-unit radio
` Automotive sound systems


Similar Part No. - TDF8530TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8541 NXP-TDF8541 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541J/N2 NXP-TDF8541J/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541JS/N2 NXP-TDF8541JS/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541JS/N3.512 NXP-TDF8541JS/N3.512 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541SD/N2 NXP-TDF8541SD/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
More results

Similar Description - TDF8530TH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJU8725 ETC-NJU8725 Datasheet
167Kb / 13P
CLASS D AMPLIFIER FOR DIGITAL AUDIO
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
Class D audio amplifier
Rev. 01-23 October 2008
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
Class-D audio amplifier
Rev. 01-15 May 2007
logo
STMicroelectronics
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
Following the market launch of the award winning
28-Jul-2009
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDAMP8 IRF-IRAUDAMP8_15 Datasheet
944Kb / 34P
120W x 4 Channel Class D Audio Power Amplifier
IRAUDAMP12 IRF-IRAUDAMP12_15 Datasheet
628Kb / 26P
130W/4 x 2 Channel Class D Audio Power Amplifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
Class-D audio amplifier
Rev.02-12 December 2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com