Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2601 Datasheet (PDF) - ON Semiconductor

HCPL2601 Datasheet PDF - ON Semiconductor
Part # HCPL2601
Download  HCPL2601 Download
File Size   1242.57 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Channel: 6N137, HCPL2601, HCPL2611 Dual-Channel: HCPL2630, HCPL2631 High Speed 10MBit/s Logic Gate Optocouplers

HCPL2601 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL2601 Datasheet PDF - ON Semiconductor

Part # HCPL2601
Download  HCPL2601 Click to download

File Size   1242.57 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Channel: 6N137, HCPL2601, HCPL2611 Dual-Channel: HCPL2630, HCPL2631 High Speed 10MBit/s Logic Gate Optocouplers

HCPL2601 Datasheet (HTML) - ON Semiconductor


HCPL2601 Product details

Features
■Very high speed – 10 MBit/s
■Superior CMR – 10 kV/μs
■Double working voltage-480V
■Fan-out of 8 over -40°C to +85°C
■Logic gate output
■Strobable output
■Wired OR-open collector
■U.L. recognized (File # E90700)

Applications
■Ground loop elimination
■LSTTL to TTL, LSTTL or 5-volt CMOS
■Line receiver, data transmission
■Data multiplexing
■Switching power supplies
■Pulse transformer replacement
■Computer-peripheral interface

Description
The 6N137, HCPL2601, HCPL2611 single-channel and HCPL2630, HCPL2631 dual-channel optocouplers consist of a 850 nm AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output. This output features an open collector, thereby permitting wired OR outputs. The coupled parameters are guaranteed over the temperature range of -40°C to +85°C. A maximum input signal of 5mA will provide a minimum output sink current of 13mA (fan out of 8).
An internal noise shield provides superior common mode rejection of typically 10kV/μs. The HCPL2601 and HCPL2631 has a minimum CMR of 5kV/μs. The HCPL2611 has a minimum CMR of 10kV/μs.




Similar Part No. - HCPL2601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL2601 HP-HCPL2601 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
logo
Fairchild Semiconductor
HCPL2601 FAIRCHILD-HCPL2601 Datasheet
322Kb / 12P
High Speed 10MBit/s Logic Gate Optocouplers
HCPL2601M FAIRCHILD-HCPL2601M Datasheet
457Kb / 13P
High Speed 10MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL2601M ONSEMI-HCPL2601M Datasheet
644Kb / 18P
8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
logo
Fairchild Semiconductor
HCPL2601S FAIRCHILD-HCPL2601S Datasheet
322Kb / 12P
High Speed 10MBit/s Logic Gate Optocouplers
More results


Similar Description - HCPL2601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL062N FAIRCHILD-HCPL062N Datasheet
582Kb / 13P
3.3V Dual Channel High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
High Speed 10MBit/s Logic Gate Optocouplers
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
High Speed 10MBit/s Logic Gate Optocouplers
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
logo
Lite-On Technology Corp...
6N137 LITEON-6N137 Datasheet
273Kb / 10P
6N137 ??High Speed 10MBd Optocouplers
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL063X EVERLIGHT-EL063X Datasheet
854Kb / 13P
8 PIN SOP DUAL CHANNEL HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
April 22, 2015
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
Logic Gate Optocouplers High Speed 10MBit/s
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com