Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2601 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL2601 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL2601
Download  HCPL2601 Download
File Size   256.52 Kbytes
Page   20 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High CMR, High Speed TTL Compatible Optocouplers

HCPL2601 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL2601 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL2601
Download  HCPL2601 Click to download

File Size   256.52 Kbytes
Page   20 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High CMR, High Speed TTL Compatible Optocouplers

HCPL2601 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL2601 Product details

Description
The 6N137, HCPL-26XX/06XX/4661, HCNW137/26X1 are optically coupled gates that combine a GaAsP light emitting diode and an integrated high gain photo detector. An enable input allows the detector to be strobed.
The output of the detector IC is an open collector Schottky clamped transistor. The internal shield provides a guaranteed common mode transient immunity specification of 5,000 V/µs for the HCPL-X601/X631 and HCNW2601, and 10,000 V/µs for the HCPL-X611/X661 and HCNW2611.
This unique design provides maximum ac and dc circuit isolation while achieving TTL compatibility. The optocoupler ac and dc operational parameters are guaranteed from -40°C to +85°C allowing troublefree system performance.

Features
• 5 kV/µs Minimum Common
   Mode Rejection (CMR) at
   VCM = 50 V for HCPL-X601/X631, HCNW2601 and
   10 kV/µs Minimum CMR at VCM = 1000 V for HCPL X611/X661, HCNW2611
• High Speed: 10 MBd Typical
• LSTTL/TTL Compatible
• Low Input Current Capability: 5 mA
• Guaranteed ac and dc Performance over Temperature: -40°C to +85°C
• Available in 8-Pin DIP, SOIC-8, Widebody Packages
• Strobable Output (Single Channel Products Only)
• Safety Approval
   UL Recognized - 3750 V rms
   for 1 minute and 5000 V rms*
   for 1 minute per UL1577
   CSA Approved IEC/EN/DIN EN 60747-5-2 Approved with VIORM = 630 V peak
   for HCPL-2611 Option 060 and VIORM = 1414 V peak for HCNW137/26X1
• MIL-PRF-38534 Hermetic Version Available (HCPL-56XX/66XX)

Applications
• Isolated Line Receiver
• Computer-Peripheral Interfaces
• Microprocessor System Interfaces
• Digital Isolation for A/D, D/A Conversion
• Switching Power Supply
• Instrument Input/Output Isolation
• Ground Loop Elimination
• Pulse Transformer Replacement
• Power Transistor Isolation in Motor Drives
• Isolation of High Speed Logic Systems




Similar Part No. - HCPL2601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL2601 FAIRCHILD-HCPL2601 Datasheet
322Kb / 12P
High Speed 10MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL2601 ONSEMI-HCPL2601 Datasheet
1Mb / 15P
Single-Channel: 6N137, HCPL2601, HCPL2611 Dual-Channel: HCPL2630, HCPL2631 High Speed 10MBit/s Logic Gate Optocouplers
January 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
HCPL2601M FAIRCHILD-HCPL2601M Datasheet
457Kb / 13P
High Speed 10MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL2601M ONSEMI-HCPL2601M Datasheet
644Kb / 18P
8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
logo
Fairchild Semiconductor
HCPL2601S FAIRCHILD-HCPL2601S Datasheet
322Kb / 12P
High Speed 10MBit/s Logic Gate Optocouplers
More results


Similar Description - HCPL2601

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
High CMR, High Speed TTL Compatible Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com