Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2496CZ5 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS2496CZ5 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS2496CZ5
Download  TS2496CZ5 Download
File Size   400.87 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A / 150KHz Buck Dc-Dc Converter

TS2496CZ5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS2496CZ5 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS2496CZ5
Download  TS2496CZ5 Click to download

File Size   400.87 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A / 150KHz Buck Dc-Dc Converter

TS2496CZ5 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS2496CZ5 Product details

General Description
The TS2496 Series are step-down switching regulators with all required active functions. It is capable of driving 3A load with excellent line and load regulations. These devices are available in fixed output voltages of 3.3V, 5V, and an adjustable output version.
The TS2496 series operates at a switching frequency of 150kHz thus allowing smaller sized filter components than what would be needed with lower frequency switching regulators. It substantially not only reduces the area of board size but also the size of heat sink, and in some cases no heat sink is required. The ±4% tolerance on output voltage within specified input voltages and output load conditions is guaranteed. Also, the oscillator frequency accuracy is within ±10%. External shutdown is included. Featuring 80µA (typical) standby current. The output switch includes cycle-by-cycle current limiting, as well as thermal shutdown for full protection under fault conditions.

Features
● Output Voltage: 3.3V, 5V & Adjustable version
● Adjustable Output Voltage Range 1.23V~19.5V ±4%
● 150KHz fixed switching frequency
● Voltage Mode Non-synchronous PWM control
● Thermal Shutdown and Current Limit Protection
● ON/OFF Shutdown Control Input
● High Efficiency
● Short Circuit Protect (SCP)
● Operating Voltage Can be up to 24V
● Output Load Current 3A
● Low Power Standby Mode
● P+ Product Enhancement Tested

Application
● Simple High-efficiency Step down Regulator
● On-Card Switching Regulators
● Positive to Negative Converter




Similar Part No. - TS2496CZ5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2496CMRN TSC-TS2496CMRN Datasheet
212Kb / 7P
2A / 150KHz Buck Switching Regulator
More results


Similar Description - TS2496CZ5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
150kHz 3A BUCK DC-DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_07 Datasheet
400Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596 Datasheet
241Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_08 Datasheet
488Kb / 8P
3A / 150KHz Buck Dc-Dc Converter
logo
ACE Technology Co., LTD...
ACE2596 ACE-ACE2596_12 Datasheet
523Kb / 11P
150KHz 3A Buck DC-DC Converter
VER 1.3
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
Taiwan Semiconductor Co...
TS2596 TSC-TS2596_13 Datasheet
272Kb / 9P
3A / 150KHz Buck Dc-Dc Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com